Electronic Components Datasheet Search
  English  ▼

X  

WMRBA Datasheet(PDF) 1 Page - Altech corporation

Part # WMRBA
Description  DIN Rail, Panel Mount or Wall Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

WMRBA Datasheet(HTML) 1 Page - Altech corporation

  WMRBA Datasheet HTML 1Page - Altech corporation WMRBA Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WALL MOUNT
DIN RAIL MOUNT
PANEL MOUNT
36.5 x 61.5 x 50
10 mm
Thermoplastic
3 screw clamps
125 V
15 A
Cat. No.
Std. Pk.
PMRBU
1
PMRGR
1
PMRBA
1
SEALGASK
1
58.5 x 84 x 53.5
10 mm
Thermoplastic
3 screw clamps
125 V
15 A
Cat. No.
Std. Pk.
DMRBU
1
DMRGR
1
DMRBA
1
Includes Sealing Gasket
50 x 71 x 53.5
10 mm
Thermoplastic
3 screw clamps
125 V
15 A
Cat. No.
Std. Pk.
WMRBU
1
WMRGR
1
WMRBA
1
Includes Sealing Gasket
Features:
• DIN Rail, Panel Mount
or Wall Mount
• Rating: 15A/125V AC
• Finger Protection: IP54
• Available in 3 colors.
External Dimension (HxWxL mm)
Stripping Length
Insulation Material
Type of Connection
Approvals*
Voltage Rating
Current Rating
Complete Kit:
Blue
Gray
Black
Optional Accessory
Sealing Gasket
for Panel Mount Receptacles
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
90
*UL approval applies to outlet only, not enclosure or DIN rail clip.
E154664
E154664
E154664
Receptacles


Similar Part No. - WMRBA

ManufacturerPart #DatasheetDescription
logo
IDEM Safety Switches
WMR IDEM-SAFETY-WMR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
KITAGAWA GmbH
WMR KGS-WMR Datasheet
255Kb / 1P
Standard wire mesh gaskets
WMR-13-M KGS-WMR-13-M Datasheet
255Kb / 1P
Standard wire mesh gaskets
WMR-15-M KGS-WMR-15-M Datasheet
255Kb / 1P
Standard wire mesh gaskets
WMR-18-M KGS-WMR-18-M Datasheet
255Kb / 1P
Standard wire mesh gaskets
More results

Similar Description - WMRBA

ManufacturerPart #DatasheetDescription
logo
Picker Components
SK4104Z-F PICKER-SK4104Z-F Datasheet
66Kb / 1P
8 Pin Miniature Socket for Din Rail or Panel Mount
SK4104 PICKER-SK4104 Datasheet
66Kb / 1P
14 Pin Miniature Socket for Din Rail or Panel Mount
SK4104L PICKER-SK4104L Datasheet
66Kb / 1P
8 Pin Midget Socket for Din Rail or Panel Mount
SC113-2C PICKER-SC113-2C Datasheet
104Kb / 1P
8 Pin Midget Socket for Din Rail or Panel Mount
SC118-4C PICKER-SC118-4C Datasheet
94Kb / 1P
14 Pin Miniature Socket for Din Rail or Panel Mount
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
Panel mount or 35mm Din Rail (EN50022)
logo
Bud Industries, Inc.
DB-4713 BUD-DB-4713 Datasheet
89Kb / 1P
DIN RAIL / PANEL MOUNT BOX
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
Chassis or DIN rail mount
logo
List of Unclassifed Man...
MB5001C ETC2-MB5001C Datasheet
966Kb / 2P
Rugged metal housing with DIN-Rail / Wall-Mount
logo
Picker Components
SC113-2C PICKER-SC113-2C_17 Datasheet
93Kb / 1P
8 Pin Midget Socket for Din Rail or Panel Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com