Electronic Components Datasheet Search
  English  ▼

X  

LC1F1504 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LC1F1504
Description  TeSys??IEC-Style Contactors and Starters
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F1504 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LC1F1504 Datasheet HTML 17Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 18Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 19Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 20Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 21Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 22Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 23Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 24Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 252 page
background image
TeSys™ IEC-Style Contactors and Starters Selection Guide
Contactor Selection for Utilization Category AC-3
21
01/04
© 2001-2004 Schneider Electric All Rights Reserved
Use in Category AC-3 (Ve
≤ 440 Vac)
Operational power in kW-50 Hz.
Example: Asynchronous motor with P = 132 kW – Ve = 380 V – Ie = 245 A – Ic = Ie = 245 A; or
Asynchronous motor with P = 132 kW – Ve = 415 V – Ie = 240 A – Ic = Ie = 240 A.
1.5 million operating cycles required.
The above selection curves show the contactor rating needed: LC1F330.
Use in Category AC-3 (Ve = 660/690 Vac)
Example: Asynchronous motor with P = 132 kW – Ve = 660 V – Ie = 140 A – Ic = Ie = 140 A.
1.5 million operating cycles required.
The above selection curves show the contactor rating needed: LC1F330.
Control of 3-phase
asynchronous squirrel
cage motors with
breaking while
running.
The current broken
(Ic) in category AC-3
is equal to the rated
operational current
(Ie) of the motor.
Use motor full-load
current on horizontal
axis for selection
purposes.
20
30
40
50
60
80
90
100
400
800
200
600
0.4
0.8
1
1.5
2
4
6
8
10
220 V
230 V
kW
kW
kW
380 V
400 V
440 V
0.6
Control of 3-phase
asynchronous squirrel
cage motors with
breaking while
running.
The current broken
(Ic) in category AC-3
is equal to the rated
operational current
(Ie) of the motor.
Use motor full-load
current on horizontal
axis for selection
purposes.
0.6
0.8
1
1.5
2
4
6
8
10
20
30
40
50
60
80 90 100
400
200
118
129
170
220
305 355
0.4
kW
660 V
690 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com