Electronic Components Datasheet Search
  English  ▼

X  

PRDP0020BA-A Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # PRDP0020BA-A
Description  Old Company Name in Catalogs and Other Documents
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRDP0020BA-A Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button PRDP0020BA-A Datasheet HTML 35Page - Renesas Technology Corp PRDP0020BA-A Datasheet HTML 36Page - Renesas Technology Corp PRDP0020BA-A Datasheet HTML 37Page - Renesas Technology Corp PRDP0020BA-A Datasheet HTML 38Page - Renesas Technology Corp PRDP0020BA-A Datasheet HTML 39Page - Renesas Technology Corp PRDP0020BA-A Datasheet HTML 40Page - Renesas Technology Corp PRDP0020BA-A Datasheet HTML 41Page - Renesas Technology Corp PRDP0020BA-A Datasheet HTML 42Page - Renesas Technology Corp PRDP0020BA-A Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
R8C/1A Group, R8C/1B Group
5. Electrical Characteristics
Rev.1.40
Dec 08, 2006
Page 37 of 45
REJ03B0144-0140
Table 5.15
Electrical Characteristics (2) [Vcc = 5 V] (Topr = -40 to 85
°C, unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power supply current
(VCC = 3.3 to 5.5 V)
Single-chip mode,
output pins are open,
other pins are VSS,
A/D converter is
stopped
High-speed
mode
XIN = 20 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
No division
−
915
mA
XIN = 16 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
No division
−
814
mA
XIN = 10 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
No division
−
5
−
mA
Medium-
speed mode
XIN = 20 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
Divide-by-8
−
4
−
mA
XIN = 16 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
Divide-by-8
−
3
−
mA
XIN = 10 MHz (square wave)
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
Divide-by-8
−
2
−
mA
High-speed
on-chip
oscillator
mode
Main clock off
High-speed on-chip oscillator on = 8 MHz
Low-speed on-chip oscillator on = 125 kHz
No division
−
48
mA
Main clock off
High-speed on-chip oscillator on = 8 MHz
Low-speed on-chip oscillator on = 125 kHz
Divide-by-8
−
1.5
−
mA
Low-speed
on-chip
oscillator
mode
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
Divide-by-8
FMR47 = 1
−
110
300
µA
Wait mode
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
While a WAIT instruction is executed
Peripheral clock operation
VCA27 = VCA26 = 0
−
40
80
µA
Wait mode
Main clock off
High-speed on-chip oscillator off
Low-speed on-chip oscillator on = 125 kHz
While a WAIT instruction is executed
Peripheral clock off
VCA27 = VCA26 = 0
−
38
76
µA
Stop mode
Main clock off, Topr = 25
°C
High-speed on-chip oscillator off
Low-speed on-chip oscillator off
CM10 = 1
Peripheral clock off
VCA27 = VCA26 = 0
−
0.8
3.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com