Electronic Components Datasheet Search
  English  ▼

X  

BC846A-G Datasheet(PDF) 2 Page - Comchip Technology

Part # BC846A-G
Description  RoHS Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC846A-G Datasheet(HTML) 2 Page - Comchip Technology

  BC846A-G Datasheet HTML 1Page - Comchip Technology BC846A-G Datasheet HTML 2Page - Comchip Technology BC846A-G Datasheet HTML 3Page - Comchip Technology BC846A-G Datasheet HTML 4Page - Comchip Technology BC846A-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
(BC846A-G Thru. BC848C-G, @TA= 25 °C unless otherwise specified)
Comchip Technology CO., LTD.
Page 2
REV:B
Small Signal Transistor
QW-BTR31
BC846-G
Collector-Base Breakdown Voltage
BC848-G
BC846-G
Collector-Emitter Breakdown Voltage
BC848-G
Emitter-Base Break Voltage
Collector Cut-off Current
Collector-Emitter Saturation Voltage
UNIT
Symbol
Parameter
MIN
VCBO
VCEO
VEBO
ICBO
VCE(sat)
Cob
80
50
30
65
45
30
6
0.1
4.5
V
V
V
µA
V
Test Conditions
IC =10μA , IE=0
IC =10mA , IB=0
IE =10μA , IC=0
TYP
MAX
DC Current Gain
hFE
BC846A,BC847A,BC848A
BC846B,BC847B,BC848B
BC847C,BC848C
VCE =5V , IC=2mA
110
200
420
220
450
800
IC =100mA , IB=5mA
0.5
Base-Emitter Saturation Voltage
VBE(sat)
V
IC =100mA , IB=5mA
1.1
Transition Frequency
fT
MHZ
100
VCE=5V , IC=10mA
f=100MHZ
Collector Output Capacitance
VCB =10V , f=1MHZ
pF
BC847-G
BC847-G
VCB=70V , IE=0
VCB=50V , IE=0
VCB=30V , IE=0
BC846-G
BC848-G
BC847-G
Collector Cut-off Current
ICEO
0.1
µA
VCB=60V , IE=0
VCB=45V , IE=0
VCB=30V , IE=0
BC846-G
BC848-G
BC847-G
IEBO
0.1
Emitter cut-off current
VEB=5V , IC=0
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com