Electronic Components Datasheet Search
  English  ▼

X  

MMBTA92-G Datasheet(PDF) 3 Page - Comchip Technology

Part # MMBTA92-G
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA92-G Datasheet(HTML) 3 Page - Comchip Technology

  MMBTA92-G Datasheet HTML 1Page - Comchip Technology MMBTA92-G Datasheet HTML 2Page - Comchip Technology MMBTA92-G Datasheet HTML 3Page - Comchip Technology MMBTA92-G Datasheet HTML 4Page - Comchip Technology MMBTA92-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (
)
MMBTA92-G
General Purpose Transistor
Fig. 7- Cob/Cib — VCB/VEB
Fig.8- PC — Ta
Ambient Temperature , Ta (°C)
0
25
50
75
100
125
150
0
100
200
300
400
-0.1
-1
-10
-20
0
10
100
f=1MHZ
IE=0/IC=0
Ta
=25°C
Cib
Cob
Reverse Voltge , V ( V )
Page 3
QW-BTR39
REV:A
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com