Electronic Components Datasheet Search
  English  ▼

X  

SF51-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SF51-G
Description  Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SF51-G Datasheet(HTML) 2 Page - Comchip Technology

  SF51-G Datasheet HTML 1Page - Comchip Technology SF51-G Datasheet HTML 2Page - Comchip Technology SF51-G Datasheet HTML 3Page - Comchip Technology SF51-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-BS007
REV: A
Comchip Technology CO., LTD.
Rating and Characteristic Curves ( SF51-G Thru. SF58-G )
Fig.4- Typical Forward Characteristics
Instantaneous Forward Voltage , (V)
0
Fig.3-Typical Junction Capacitance
1
Reverse Voltage, (V)
100
1
100
1.8
Fig.1- Forward Current Derating Curve
0
Ambient Temperature, (°C)
4.0
3.0
25
175
0.1
1.0
10
100
0.4
1.0
1.0
1.4
2.0
75
125
5.0
6.0
0.6
10
10
O
TJ=25 C
PULSE WIDTH 300us
150
50
100
Fig.2- Max. Non-Repetitive
0
Number of Cycles at 60Hz
200
1
10
100
50
100
Super Fast Rectifiers
PULSE WIDTH 8.3mS
SINGLE HALF-SING WAVE
(JEDEC METHOD)
150
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
SF51-G~SF54-G
SF55-G~SF58-G
TJ=25°C, F=1MHz
0.2
0.8
1.2
1.6
SF58-G
SF51-G~SF54-G
SF55-G~SF56-G
Surge Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com