Electronic Components Datasheet Search
  English  ▼

X  

FBA06T24L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FBA06T24L
Description  Bearing Type Hydro Wave
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FBA06T24L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FBA06T24L Datasheet HTML 1Page - List of Unclassifed Manufacturers FBA06T24L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FBA06T (60mm Thin)
13
FBA06T12L / FBA06T24L
6000
4000
2000
(m3/min)
(CFM)
20
Air Flow
Q
0.6
0.4
0.2
0
2
20
4
40
6
60
10
13.8V (27.6V)
10.2V (20.4V)
12V (24V)
7V (14V)
FBA06T12H / FBA06T24H
6000
4000
2000
(m3/min)
(CFM)
20
Air Flow
Q
0.6
0.4
0.2
0
2
20
4
40
6
60
10
13.8V (27.6V)
10.2V (20.4V)
12V (24V)
7V (14V)
Characteristics
Panaflo®
3
+ (red)
strip and tin
- (black)
P— Q
N— Q
Conversion Factors
1 mm H2O = 9.8 PA
1 m3/min = 35.313 CFM
All dimensions in mm.
Lead Wire
All lead wires are 325 mm. in
length ± 15 mm. Housing and
Fan Blade: Plastic
(PET, PBT, ABS)
Size
60.0 x 60.0 x 15.0
(2.36 x 2.36 x 0.59)
Weight
50 grams ( 1.76 ounces)
Case Quantity
100 per box



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com