Electronic Components Datasheet Search
  English  ▼

X  

YC-045 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # YC-045
Description  Crimping tools
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YC-045 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  YC-045 Datasheet HTML 1Page - List of Unclassifed Manufacturers YC-045 Datasheet HTML 2Page - List of Unclassifed Manufacturers YC-045 Datasheet HTML 3Page - List of Unclassifed Manufacturers YC-045 Datasheet HTML 4Page - List of Unclassifed Manufacturers YC-045 Datasheet HTML 5Page - List of Unclassifed Manufacturers YC-045 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
937
936
Extraction tool
Terminals and parts model
number in alphabetical order
Insertion tool
Hand tools
Hand tools
for chain terminals
for loose piece terminals
for loose piece terminals
Extraction and Insertion tools
YRS series
YC series
YRM series
YRF series
WC & JUC series
JUK's Hand Tools
Terminal in loose form
model No.
SBHT-002T-P0.5
–
–
–
–
–
EJ-BHT
IT-BHT
SCN-001T-1.0K
YRS-191
YC-191R
–
–
WC-191
BCN-001T-1.0K
–
–
SCN-001T-P1.0
YRS-191
YC-191R
–
–
WC-191
BCN-001T-P1.0
–
–
SCS-41T-2.3
––––
––
CSJ-23
–
SCZH-002T-P0.5
YRS-492
–
–
–
–
–
–
–
SDF-01T-1.0A
–
YC-045
–
–
–
LDF-01T-1.0A
–
–
SDF-01T-1.3AS
–
YC-045
–
–
–
LDF-01T-1.3AS
–
–
SDN-21T-P1.5
–
YC-600R
–
–
–
BDN-21T-P1.5
–
–
SDY-01T-P1.6ASV
–
YC-525R
–
–
–
–
SLJ-1.4
–
SEH-001T-P0.6
YRS-260
YC-260R
–
–
WC-260
BEH-001T-P0.6
–
–
SF3F-002GF-P2.0
–
–
–
YRF-882
–
BF3F-002GF-P2.0
EJ-JFA•J3
–
SF3F-01GF-P2.0
–
–
–
YRF-881
–
BF3F-01GF-P2.0
EJ-JFA•J3
–
SF3M-01GF-M2.0N
–
–
–
YRF-881
–
BF3M-01GF-M2.0N
EJ-JFA•J3
–
SF3F-41GF-P2.0
–
–
–
YRF-880
–
LF3F-41GF-P2.0
EJ-JFA•J3
–
SF3M-41GF-M2.0N
–
–
–
YRF-880
–
LF3M-41GF-M2.0N
EJ-JFA•J3
–
SF3F-71GF-P2.0
–
–
–
YRF-1070
–
BF3F-71GF-P2.0
–
–
SF3M-71GF-M2.0N
–
–
–
YRF-1071
–
BF3M-71GF-M2.0N
–
–
SFO-41(T)-187N
–
YC-271
–
–
–
LFO-41(T)-187N
–
–
SFO-61(T)-250A
–
YC-270
–
–
–
LFO-61(T)-250A
–
–
SFPS-61(T)-250
–
YC-272
–
–
–
LFPS-61(T)-250
–
–
SFT-61T-250N
–
YC-510
–
–
–
LFT-61T-250N
–
–
SGF-41(T)-4
–
YC-055
–
–
–
LGF-41(T)-4
–
–
SGF-51(T)-5
–
YC-065
–
–
–
LGF-51(T)-5
–
–
SGF-51(T)-5A
–
YC-065
–
–
–
LGF-51(T)-5A
–
–
SGM-51(T)-4
–
YC-056
–
–
–
LGM-51(T)-4
–
–
SGM-51(T)-5
–
YC-056
–
–
–
LGM-51(T)-5
–
–
SHCM-A03T-P025
YRS-960
–
–
–
WC-SHCM-A03
–
–
–
SHF-001T-0.8BS
YRS-122
YC-122R
–
–
WC-122
BHF-001T-0.8BS
–
–
SHF-002T-0.8BS
YRS-300
–
–
–
–
–
–
–
SHR-001T-P0.6
YRS-580
YC-580R
–
–
–
BHR-001T-P0.6
–
–
SIM-01(T)-110A
–
YC-054
–
–
–
LIM-01(T)-110A
–
–
SIM-1.0-250D/N
––––
JUCS-IM
–
–
–
SIM-2.5-250D/N
––––
JUCS-IM
–
–
–
SIM-41(T)-110B
–
YC-067
–
–
–
LIM-41(T)-110B
–
–
SIM-51(T)-250N
–
YC-321
–
–
–
LIM-51(T)-250N
–
–
SIN-001T-1.2
YRS-034
–
–
–
–
–
–
–
SIN-002T-1.0S
YRS-035
–
–
–
–
–
–
–
SIN-01T-1.2
–
YC-340R
–
–
–
LIN-01T-1.2
–
–
SIN-01T-1.8
–
YC-032
–
–
–
LIN-01T-1.8
–
–
SIN-21T-1.8
–
YC-350
–
–
–
LIN-21T-1.8
–
–
SIN-21T-1.8S
–
–
–
–
LIN-21T-1.8S
–
–
SIN-61T-2.6S
–
–
–
–
LIN-61T-2.6S
–
–
YC-560
(for UL1015 AWG #14)
YC-570
(for UL1015 AWG #22, #20)
YC-571
(for UL1015 AWG #18)
YRS-856
(UL3443 AWG #28, UL3239 AWG #24)
YRS-857
(UL3443 AWG #26, UL10267 AWG #26)
Crimping tools
Crimping tools



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com