Electronic Components Datasheet Search
  English  ▼

X  

K2480 Datasheet(PDF) 3 Page - NEC

Part # K2480
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K2480 Datasheet(HTML) 3 Page - NEC

  K2480 Datasheet HTML 1Page - NEC K2480 Datasheet HTML 2Page - NEC K2480 Datasheet HTML 3Page - NEC K2480 Datasheet HTML 4Page - NEC K2480 Datasheet HTML 5Page - NEC K2480 Datasheet HTML 6Page - NEC K2480 Datasheet HTML 7Page - NEC K2480 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2480
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
0.1
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature - ˚C
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature - ˚C
0
20
0
20
40
60
80
100
120
140
160
20
40
60
80
100
40
60
80
100
120
140
160
35
30
25
20
15
10
5
0.1
1
1
10
100
10
100
1000
TC = 25 ˚C
Single Pulse
0
20
30
40
5
1.0
10
100
Pulsed
VDS = 10 V
10
10
0
Pulsed
510
15
ID(pulse)
PW
=
100
s
1 ms
10
ms
100
ms
Power
Dissipation
Limited
R
DS(on)
Limited
(at
V
GS
= 10
V)
VGS = 20 V
10 V
8 V
6 V
TA = –25 ˚C
25 ˚C
75 ˚C
125 ˚C
ID(DC)
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com