Electronic Components Datasheet Search
  English  ▼

X  

FT4232H Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  Quad High Speed USB to Multipurpose UART/MPSSE IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 13Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 14Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 15Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Copyright © 2010 Future Technology Devices International Limited
12
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.2
Clearance No.: FTDI#78
3.4 Configured Pins
The following sections describe the function of the configurable pins referred to in Table 3.1 which is
determined by how the FT4232H is configured.
3.4.1 FT4232H pins used as an asynchronous serial interface
The FT4232H any of the 4 channels can be configured as an asynchronous serial UART interface
(RS232/422/485). When configured in this mode, the pins used and the descriptions of the signals are
shown in Table 3.5.
Channel
A
Pin No.
Channel
B
Pin No.
Channel
C
Pin No.
Channel
D
Pin No.
Name
Type
RS232 Configuration Description
16
26
38
48
TXD
OUTPUT
TXD = transmitter output
17
27
39
52
RXD
INPUT
RXD = receiver input
18
28
40
53
RTS#
OUTPUT
RTS# = Ready To send handshake
output
19
29
41
54
CTS#
INPUT
CTS# = Clear To Send handshake input
21
30
43
55
DTR#
OUTPUT
DTR# = Data Transmit Ready modem
signaling line
22
32
44
57
DSR#
INPUT
DSR# = Data Set Ready modem
signaling line
23
33
45
58
DCD#
INPUT
DCD# = Data Carrier Detect modem
signaling line
24
34
46
59
RI#/
TXDEN
INPUT/OUTPUT
RI# = Ring Indicator Control Input.
When the Remote Wake up option is
enabled in the EEPROM, taking RI# low
can be used to resume the PC USB Host
controller from suspend.
(see note 1, 2 and 3)
TXDEN = (TTL level). For use with RS485
level converters.
Table 3.5 Channel A,B,C and Channel D Asynchronous Serial Interface Configured Pin Descriptions
Notes
1.
When using remote wake-up, ensure the resistors are pulled-up in suspend. Also ensure
peripheral designs do not allow any current sink paths that may partially power the peripheral.
2.
If remote wake-up is enabled, a peripheral is allowed to draw up to 2.5mA in suspend. If remote
wake-up is disabled, the peripheral must draw no more than 500uA in suspend.
3. If a Pull-down is enabled, the 4232H will not wake up from suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com