Electronic Components Datasheet Search
  English  ▼

X  

FME002S201 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FME002S201
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FME002S201 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FME002S201 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 9Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 10Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 11Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 12Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 13Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 14Page - List of Unclassifed Manufacturers FME002S201 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TECHNISCHEÄNDERUNGENVORBEHALTEN-MAßEINMILLIMETER(INCHESINKLAMMERN)
36
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FMS002P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMS002S102
FMS002P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMS002S101
FMS002P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FMS002S202
FMS002P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FMS002S201
FMS003P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMS003S102
FMS003P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMS003S101
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches = 0,8 µm
200 microinches = 5 µm
179BU, 187AU
Outer Conductor
Suitable Cables RG-
Outer Conductor
Inner Conductor
180BU
179BU, 187AU
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Type
Ausführung
Innenleiter
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel
RG-
Bestellnummer
Steckdose
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
approx. approx.
approx.
ca.
ca.
ca.
FMS002...
0,6
1,9
2,4
3,2
9,0
4,3
3,0
11,2
22,45
22,95
16,7
(0.024)
(0.075)
(0.094)
(0.126)
(0.354)
(0.169)
(0.118)
(0.441)
(0.884)
(0.904)
(0.657)
FMS003...
0,6
2,8
3,3
4,5
8,5
3,5
3,0
10,2
21,65
22,15
15,9
(0.024)
(0.110)
(0.130)
(0.177)
(0.335)
(0.138)
(0.118)
(0.402)
(0.852)
(0.872)
(0.626)
FMS Coaxial Contacts, 75 Ohm, Straight Cable Termination
FMSKoaxialkontakte,75Ohm,geraderKabelanschluss
Dimensions
Abmessungen
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Crimp termination
Crimp termination
Crimpen
Crimpen
Crimp snap-in system
Crimp Snap-in System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com