Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10232 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 75Page - Texas Instruments TLK10232 Datasheet HTML 76Page - Texas Instruments TLK10232 Datasheet HTML 77Page - Texas Instruments TLK10232 Datasheet HTML 78Page - Texas Instruments TLK10232 Datasheet HTML 79Page - Texas Instruments TLK10232 Datasheet HTML 80Page - Texas Instruments TLK10232 Datasheet HTML 81Page - Texas Instruments TLK10232 Datasheet HTML 82Page - Texas Instruments TLK10232 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 8-119. PCS_VS_CONTROL (continued)
Device Address: 0x03 SPACER Register Address: 0x8000 SPACER Default: 0x00B0
Bit(s)
Name
Description
Access
2
PCS_RX_DEC_CTRL_CHAR PCS RX Decode control character selection. Determines what control characters
RW
(R)
are passed
0 = A/K/R control characters are changed to Idles. Reserved characters passed
through (Default 1’b0)
1 = A/K/R control characters are passed through as is RW
1
PCS_DESCR_DISABLE
De-scrambler control in 10GKR RX PCS
RW
(R)
1 = Disable descrambler
0 = Enable descrambler (Default 1’b0)
0
PCS_SCR_DISABLE
Scrambler control in 10GKR TX PCS
RW
(R)
1 = Disable scrambler
0 = Enable scrambler (Default 1’b0)
Table 8-120. PCS_VS_STATUS
Device Address: 0x03 SPACER Register Address: 0x8010 SPACER Default: 0x00FD
Bit(s)
Name
Description
Access
13
UNCORR_ERR_STATUS
1 = Uncorrectable block error found
RO/LH
(R)
12
CORR_ERR_STATUS
1 = Correctable block error found
RO/LH
(R)
8
PCS_TP_ERR
PCS test pattern verification status PCS_SCR_DISABLE
RO/LH
(R)
1 = Error occurred during pseudo random test pattern verification
Number of errors can be checked by reading PCS_TP_ERR_COUNT (03.002B)
register
7:0
RESERVED
For TI use only.
COR
8.4
Auto-Negotiation Registers
The registers below can be accessed only in Clause 45 mode and with device address field set to 0x07
(DA[4:0] = 5’b00111)
Table 8-121. AN_CONTROL
Device Address: 0x07 SPACER Register Address: 0x0000 SPACER Default: 0x3000
Bit(s)
Name
Description
Access
15
AN_RESET
1 = Resets Auto Negotiation
RW/SC
(RX)
0 = Normal operation (Default 1’b0)
14
RESERVED
For TI use only. Always reads 0.
RW
13
RESERVED
For TI use only (Default 1’b1)
RW
12
AN_ENABLE
1 = Enable Auto Negotiation (Default 1’b1)
RW
(RX)
0 = Disable Auto Negotiation
11:10
RESERVED
For TI use only. Always reads 0.
RW
9
AN_RESTART
1 = Restart Auto Negotiation
RW/SC(1)
(RX)
0 = Normal operation (Default 1’b0)
If set, a read of this register is required to clear AN_RESTART bit.
8:0
RESERVED
For TI use only. Always reads 0.
RW
(1)
If set, a read of register 07.0000 is required to clear AN_RESTART bit.
Table 8-122. AN_STATUS
Device Address: 0x07 SPACER Register Address: 0x0001 SPACER Default: 0x0088
Bit(s)
Name
Description
Access
9
AN_PAR_DET_FAULT
1 = Fault has been detected via parallel detection function
RO/LH
(RX)
0 = Fault has not been detected via parallel detection function
7
AN_EXP_NP_STATUS
1 = Extended next page is used
RO
(RX)
0 = Extended next page is not allowed
Copyright © 2013, Texas Instruments Incorporated
DEVICE REGISTERS
79
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com