Electronic Components Datasheet Search
  English  ▼

X  

SFH690AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH690AT
Description  Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH690AT Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH690AT Datasheet HTML 1Page - Vishay Siliconix SFH690AT Datasheet HTML 2Page - Vishay Siliconix SFH690AT Datasheet HTML 3Page - Vishay Siliconix SFH690AT Datasheet HTML 4Page - Vishay Siliconix SFH690AT Datasheet HTML 5Page - Vishay Siliconix SFH690AT Datasheet HTML 6Page - Vishay Siliconix SFH690AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Alternative Device Available
SFH690ABT, SFH690AT, SFH690BT, SFH690CT, SFH690DT
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 23-May-13
1
Document Number: 83686
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler Phototransistor Output, SOP-4,
100 mil Pitch, Mini-Flat Package
DESCRIPTION
The SFH690ABT, SFH690AT, SFH690BT, SFH690CT,
SFH690DT family has a GaAs infrared emitting diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a 4 pin
100 mil lead pitch miniflat package. It features a high current
transfer ratio, low coupling capacitance, and high isolation
voltage.
The coupling devices are designed for signal transmission
between two electrically separated circuits. The SFH690
series is available only on tape and reel. There are
2000 parts per reel. Marking for SFH690AT is 690A;
SFH690BT is 690B; SFH690CT is 690C; SFH690DT is 690D;
SFH690ABT will be marked as 690A or 690B.
FEATURES
• SOP (small outline package)
• Isolation test voltage, 3750 VRMS (1 s)
• High collector emitter breakdown voltage,
VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Temperature stable
• Low coupling capacitance
• End-stackable, 0.100" (2.54 mm) spacing
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• High density mounting or space sensitive PCBs
•PLCs
• Telecommunication
AGENCY APPROVALS
• UL1577, file no. E52744 system code U
• cUL tested to CSA 22.2 bulletin 5A
• BSI EN 60950; EN 60065
• DIN EN 60747-5-5 (VDE 0885-5) available with option 1
• CQC GB4943.1-2011 and GB8898-2011 (suitable for
installation altitude below 2000 m)
Notes
(1) Product is rotated 180° in tape and reel cavity
(2) Also available in tubes, do not put “T” to the end
1
2
4
3
E
C
A
C
V
DE
i179066
ORDERING INFORMATION
S
F
H
6
90x
x
-
X
0
01
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL, BSI
50 to 300
50 to 150
100 to 300
100 to 200
200 to 400
SOP-4, 100 mil pitch
SFH690ABT
SFH690AT3 (1),
SFH690AT (2)
SFH690BT3 (1),
SFH690BT (2)
SFH690CT
SFH690DT
VDE, UL, cUL, BSI
50 to 300
50 to 150
100 to 300
100 to 200
200 to 400
SOP-4, 100 mil pitch
-
-
SFH690B-X001T
SFH690C-X001T
SFH690D-X001T
SOP-#
7.21 mm


Similar Part No. - SFH690AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690AT VISHAY-SFH690AT Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
20-Apr-04
SFH690AT VISHAY-SFH690AT Datasheet
135Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH690AT VISHAY-SFH690AT Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
logo
Infineon Technologies A...
SFH690AT INFINEON-SFH690AT Datasheet
405Kb / 4P
Phototransistor Optocoupler Miniflat SOP Package
February 29, 2000-11
logo
Vishay Siliconix
SFH690AT3 VISHAY-SFH690AT3 Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
More results

Similar Description - SFH690AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
26-Oct-04
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
16-May-08
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
29-Apr-11
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
20-Apr-04
SFH690AB VISHAY-SFH690AB Datasheet
135Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH690D VISHAY-SFH690D_V01 Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH690AB VISHAY-SFH690AB_V02 Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
17-Nov-15
SFH691AT VISHAY-SFH691AT_V02 Datasheet
97Kb / 5P
Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
12-Apr-13
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Dec-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com