Electronic Components Datasheet Search
  English  ▼

X  

FMP009P104 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FMP009P104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP009P104 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FMP009P104 Datasheet HTML 8Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 9Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 10Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 11Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 12Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 13Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 14Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 15Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
37
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FMS015P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMS015S102
FMS015P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMS015S101
FMS015P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FMS015S202
FMS015P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FMS015S201
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches = 0,8 µm
200 microinches = 5 µm
179BU, 187AU
179BU, 187AU
Mating Area
Anschlussbereich
Termination Area
Outer Conductor
Inner Conductor
Außenleiter
Innenleiter
Order Number
Receptacles
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
RG-
Außenleiter
Verwendbare Kabel
RG-
Type
Ausführung
Innenleiter
Inner Conductor
Platings / Oberflächen
Steckbereich
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
approx.
ca.
FMS015...
0,6
1,9
2,3
3,2
9,0
3,8
2,3
19,25
8,0
18,5
13,55
(0.024)
(0.075)
(0.091)
(0.126)
(0.354)
(0.150)
(0.091)
(0.758)
(0.315)
(0.728)
(0.533)
FMS Coaxial Contacts, 75 Ohm, Right Angled Cable Termination
FMSKoaxialkontakte,75Ohm,abgewinkelterKabelanschluss
Dimensions
Abmessungen
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Crimp termination
Crimp termination
Crimpen
Crimpen
Crimp snap-in system
Crimp Snap-in System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com