Electronic Components Datasheet Search
  English  ▼

X  

FMP016P104 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FMP016P104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP016P104 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FMP016P104 Datasheet HTML 11Page - List of Unclassifed Manufacturers FMP016P104 Datasheet HTML 12Page - List of Unclassifed Manufacturers FMP016P104 Datasheet HTML 13Page - List of Unclassifed Manufacturers FMP016P104 Datasheet HTML 14Page - List of Unclassifed Manufacturers FMP016P104 Datasheet HTML 15Page - List of Unclassifed Manufacturers FMP016P104 Datasheet HTML 16Page - List of Unclassifed Manufacturers FMP016P104 Datasheet HTML 17Page - List of Unclassifed Manufacturers FMP016P104 Datasheet HTML 18Page - List of Unclassifed Manufacturers FMP016P104 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TECHNISCHEÄNDERUNGENVORBEHALTEN-MAßEINMILLIMETER(INCHESINKLAMMERN)
40
ML 12/2008
Order Number
Type
Inner Conductor
Outer Conductor
Suitable Cables RG-
Bestellnummer
Ausführung
Innenleiter
Außenleiter
Verwendbare Kabel RG-
FMS010-102
standard
1,3 µm Au
0,2 µm Au
FMS010-101
low cost
0,2 µm Au
5 µm Sn
FMS030-102
standard
1,3 µm Au
0,2 µm Au
FMS030-101
low cost
0,2 µm Au
5 µm Sn
Other platings on request
8 microinches =  0,2 µm
50 microinches =  1,3 µm
Andere Oberflächen auf Anfrage
30 microinches =  0,8 µm
200 microinches =  5 µm
Tools from page 94 onwards
Werkzeuge ab Seite 94 ff.
Platings / Oberflächen
Anschlussbereich
Termination Area
58CU, 141AU
174U, 188AU, 316U
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
Bestellnummer
max.
max.
max.
max.
approx.
approx.
ca.
ca.
FMS010...
0,6
1,9
2,4
3,2
9,0
4,3
3,0
40,3
5,50
11,30
(0.024)
(0.075)
(0.094)
(0.126)
(0.354)
(0.169)
(0.118)
(1.587)
(0.217)
(0.445)
FMS030...
1,3
3,7
4,4
5,2
9,0
4,3
3,0
39,7
5,50
11,00
(0.051)
(0.146)
(0.173)
(0.205)
(0.354)
(0.169)
(0.118)
(1.563)
(0.217)
(0.433)
Wiresplice
Wiresplice
50 Ohm
50 Ohm
Dimensions
Abmessungen
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Crimp termination
Crimp termination
Crimpen
Crimpen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com