Electronic Components Datasheet Search
  English  ▼

X  

SF2093E Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2093E
Description  915.00 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2093E Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2093E Datasheet HTML 1Page - RF Monolithics, Inc SF2093E Datasheet HTML 2Page - RF Monolithics, Inc SF2093E Datasheet HTML 3Page - RF Monolithics, Inc SF2093E Datasheet HTML 4Page - RF Monolithics, Inc SF2093E Datasheet HTML 5Page - RF Monolithics, Inc SF2093E Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 6
©2009-2014 by RF Monolithics, Inc.
SF2093E - 3/24/14
I
I
J
J
J
K
K
L
M
N
N
O
O
8-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
TOP VIEW
BOTTOM VIEW
PCB Footprint Top View
Case Materials
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.0
3.13
0.113
0.118
0.123
B
2.87
3.0
3.13
0.113
0.118
0.123
C
1.14
1.27
1.40
0.045
0.050
0.055
D
0.79
0.92
1.05
0.031
0.036
0.041
E
0.62
0.75
0.88
0.024
0.029
0.034
F
0.47
0.60
0.73
0.018
0.024
0.029
G
0.47
0.60
0.73
0.018
0.024
0.029
H
1.07
1.20
1.33
0.042
0.047
0.052
I
3.19
0.126
J
0.81
0.032
K
0.96
0.038
L
0.81
0.032
M
1.39
0.055
N
0.23
0.009
O
0.38
0.015
Case and PCB Footprint Dimensions
A
1
2
3
B
7
6
5
4
C
H
4
E
F
G
8
D
8
7
6
5
1
2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com