Electronic Components Datasheet Search
  English  ▼

X  

SF2136E Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2136E
Description  433.92 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2136E Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2136E Datasheet HTML 1Page - RF Monolithics, Inc SF2136E Datasheet HTML 2Page - RF Monolithics, Inc SF2136E Datasheet HTML 3Page - RF Monolithics, Inc SF2136E Datasheet HTML 4Page - RF Monolithics, Inc SF2136E Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 5
©2009-2011 by RF Monolithics, Inc.
SF2136E - 2/10/11
SF2136E Frequency Response Plots
CH1
S2 1
LO G
10 dB/
RE F -4 0 d B
CENTER
433
. 9 20
000
MHz
S PAN
1 00 . 000
0 00
MHz
15 Oct 2010 22:56:43
1
2
3
4
5
5 : -51
. 17 0
dB
4 54
. 000
000
M Hz
CH1
Ma rkers
1 : -53
. 099
dB
38 9
. 000
M Hz
2 : -52
. 868
dB
39 2
. 000
M Hz
3 : -51
. 531
dB
41 1
. 000
M Hz
4 : -48
. 401
dB
41 4
. 000
M Hz
sf2136 e



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com