Electronic Components Datasheet Search
  English  ▼

X  

TPD2E009 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E009
Description  2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E009 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD2E009 Datasheet HTML 3Page - Texas Instruments TPD2E009 Datasheet HTML 4Page - Texas Instruments TPD2E009 Datasheet HTML 5Page - Texas Instruments TPD2E009 Datasheet HTML 6Page - Texas Instruments TPD2E009 Datasheet HTML 7Page - Texas Instruments TPD2E009 Datasheet HTML 8Page - Texas Instruments TPD2E009 Datasheet HTML 9Page - Texas Instruments TPD2E009 Datasheet HTML 10Page - Texas Instruments TPD2E009 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
APPLICATION INFORMATION
Typical Application
Designing with High-Speed Differential Signals
TPD2E009
www.ti.com.............................................................................................................................................................. SLVS953A – JUNE 2009 – REVISED JUNE 2009
Figure 13. TPD2E009 in Differential eSATA Interface
Figure 13 shows the board layout scheme for the D+/D– lines of a single differential pair. It allows the differential
signal pairs couple together right after they touch the ESD ports (pin 1 and pin 2) of the TPD2E009.
Layout considerations, such as package selection, trace routing, etc. must be taken into account while designing
the ESD clamp circuit for high-speed interface. Difficult routing can lead the designer to use vias or stubs in the
board traces, creating significant disruption in the line impedance in the high-speed signal path. Poor package
choice can force designer to route differential traces with unequal lengths and add the skew in the signals. It is
recommended to closely couple the differential traces to reduce the EMI interference.
The TPD2E009 can provide system level ESD protection to the high-speed differential ports (>6 Gbps data rate).
The flow-through package offers flexibility for board routing with traces up to 15 mills wide. Figure 14 and
Figure 15 show the board layout scheme for the D+/D– lines of a single differential pair. It allows the differential
signal pairs couple together right after they touch the ESD ports (pin 1 and pin 2) of the TPD2E009.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPD2E009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com