Electronic Components Datasheet Search
  English  ▼

X  

SP2 Datasheet(PDF) 2 Page - Grayhill, Inc

Part # SP2
Description  Miniature Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

SP2 Datasheet(HTML) 2 Page - Grayhill, Inc

  SP2 Datasheet HTML 1Page - Grayhill, Inc SP2 Datasheet HTML 2Page - Grayhill, Inc SP2 Datasheet HTML 3Page - Grayhill, Inc SP2 Datasheet HTML 4Page - Grayhill, Inc SP2 Datasheet HTML 5Page - Grayhill, Inc SP2 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
.131
DIA.
(Ø3.32)
.640
(16.26)
NONE
OFF
OFF
OFF
NONE
OPEN
SWITCH POSITION
MODEL NO.
4P5
4P4
4P3
4P2
4P1
ON
(ON)
2-3,5-6
ON
ON
ON
2-1,5-4
(ON)
(ON)
ON
(ON)
ON
TERM. COMM.
1
2
3
4
5
6
()=MOMENTARY
8-9,11-12
8-7,11-10
10
11
12
7
8
9
SCALE:1.5:1
SCHEMATIC
02COMM.
1
3
05COMM.
4
6
08COMM.
7
9
011COMM.
10
12
.500
(12.7)
.030
(0.76)
.185
(4.70)
Ø.115
(Ø 2.92)
KEYWAY
.850
(21.59)
1/4-40 UNS-2A
KEYWAY
THIS SIDE
.190
(4.83)
.410
(10.41)
.350
(8.89)
EPOXY SEAL
.415
(10.54)
.570
(14.48)
.060
(1.52)
ACTUAToRoPTIoNS Ininches(andmillimeters)
1Std
2
3
4
5
MoDeLS Ininches(andmillimeters)
4PDT
UsewithBushingoptions
T1,T2,T5andT6only.
UseT7Bushingoptiononly.
Series 34A: Miniature Toggle Switches
.115
DIA.
(Ø3.01)
.410
(10.41)
.107
DIA.
(Ø2.71)
.200
(5.08)
.134
DIA.
(Ø3.40)
.550
(13.97)
.131
(3.32)
.840
(21.32)
6
7
8
9NylonBlack
.450
(11.43)
.200
DIA.
(Ø5.08)
.240
DIA.
(Ø6.09)
15/32-32NS
.465
(11.80)
keYWAY
.487
(12.37)
.687
(17.45)
.240
DIA.
(Ø6.09)
.465
(11.80)
keYWAY
15/32-32NS
.840
(21.34)
.645
(16.38)
Ø.129
(Ø3.28)
L THD.(STD.)
N NON-THD.
.579
(14,73)
LOCKED
Ø.214
(Ø5,44)
1/4-40 UNS-2A
.640
(16,26)
UNLOCKED
Actuators1-5shownwithstandardB1bushing.Add.070(1.78)forB3,subtract.020(0.51)forB6bushing.
UseT7Bushingoptiononly.
LTHD.(STD.)
NNoN-THD
Toggle
5
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com