Electronic Components Datasheet Search
  English  ▼

X  

K2485 Datasheet(PDF) 2 Page - NEC

Part # K2485
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K2485 Datasheet(HTML) 2 Page - NEC

  K2485 Datasheet HTML 1Page - NEC K2485 Datasheet HTML 2Page - NEC K2485 Datasheet HTML 3Page - NEC K2485 Datasheet HTML 4Page - NEC K2485 Datasheet HTML 5Page - NEC K2485 Datasheet HTML 6Page - NEC K2485 Datasheet HTML 7Page - NEC K2485 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2485
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
TEST CONDITIONS
Drain to Source On-Resistance
RDS (on)
2.2
2.8
VGS = 10 V, ID = 3.0 A
Gate to Source Cutoff Voltage
VGS (off)
2.5
3.5
VDS = 10 V, ID = 1 mA
Forward Transfer Admittance
| yfs |
2.0
VDS = 10 V, ID = 3.0 A
Drain Leakage Current
IDSS
100
VDS = VDSS, VGS = 0
Gate to Source Leakage Current
IGSS
±100
VGS =
±30 V, VDS = 0
Input Capacitance
Ciss
1200
VDS = 10 V
Output Capacitance
Coss
170
VGS = 0
Reverse Transfer Capacitance
Crss
30
f = 1 MHz
Turn-On Delay Time
td (on)
20
ID = 3.0 A
Rise Time
tr
10
VGS = 10 V
Turn-Off Delay Time
td (off)
70
VDD = 150 V
Fall Time
tf
15
RG = 10
Ω R
L = 50
Ω
Total Gate Charge
QG
40
ID = 6.0 A
Gate to Source Charge
QGS
7
VDD = 450 V
Gate to Drain Charge
QGD
17
VGS = 10 V
Body Diode Forward Voltage
VF (S-D)
1.0
IF = 6.0 A, VGS = 0
Reverse Recovery Time
trr
740
IF = 6.0 A, VGS = 0
Reverse Recovery Charge
Qrr
4.0
di/dt = 50 A/
µs
UNIT
Ω
V
S
µA
nA
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
V
ns
µC
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.
Test Circuit 3 Gate Charge
VGS = 20 - 0 V
PG
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
Test Circuit 1 Avalanche Capability
PG.
RG = 10
Ω
D.U.T.
RL
VDD
Test Circuit 2 Switching Time
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
t = 1 us
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
10 %
0
0
90 %
90 %
90 %
10 %
VGS (on)
ID
ton
toff
td (on)
tr
td (off)
tf
t



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com