Electronic Components Datasheet Search
  English  ▼

X  

HF361RL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HF361RL
Description  Heavy Duty Safety Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HF361RL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HF361RL Datasheet HTML 1Page - List of Unclassifed Manufacturers HF361RL Datasheet HTML 2Page - List of Unclassifed Manufacturers HF361RL Datasheet HTML 3Page - List of Unclassifed Manufacturers HF361RL Datasheet HTML 4Page - List of Unclassifed Manufacturers HF361RL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
4-10
Product Category HDSS
Heavy Duty Safety Switches
Selection
Siemens / Speedfax
Previous folio: 3-10
Updated by S Spencer 10-15-10
0030
HF221N
012
HF221NR
013
011⁄2
03
—
—
003
0071⁄2
05
0060
HF222N
018
HF222NR
019
03
10
—
—
0071⁄2
015
10
0100
HF223N
023
HF223NR
024
071⁄2
15
—
—
015
030
20
0200
HF224N
047
HF224NR
048
15
—
—
—
025
060
40
0400
HF225NH a
129
HF225NRH a
131
15
—
—
—
050
125
50
0400
HF225N
153
HF225NR
157
15
—
—
—
050
125
50
0600
HF226NH a
133
HF226NRH a
135
15
—
—
—
075
200
50
0600
HF226N
155
HF226NR
159
15
—
—
—
075
200
50
800
HF227N
365
HF227NR
365
—
—
—
—
100
250
50
1200
HF228Nn
385
HF228NRn
385
—
—
—
—
100
250
50
240 Volt Fusiblee
2-Pole, 2-Fuse, and Solid Neutralc
(Also used for 2-Pole, 2-Wire Applications)
240 Volt AC/250 Volt DC
0030
HF321N
014
HF321NR
015
011⁄2
03
—
—
003
0071⁄2
05
0060
HF322N
019
HF322NR
020
03
10
—
—
0071⁄2
015
10
0100
HF323N
025
HF323NR
026
071⁄2
15
—
—
015
030
20
0200
HF324N
049
HF324NR
050
15
—
—
—
025
060
40
0400
HF325NH a
137
HF325NRH a
138
15
—
—
—
050
125
50
0400
HF325N
158
HF325NR
162
15
—
—
—
050
125
50
0600
HF326NH a
139
HF326NRH a
142
15
—
—
—
075
200
50
0600
HF326N
161
HF326NR
165
15
—
—
—
075
200
50
0800
HF327N
375
HF327NR
375
—
—
—
—
100
250
50
1200
HF328N
395
HF328NR
388
—
—
—
—
100
250
50
3-Pole, 3-Fuse, and Solid Neutral
(Also used for 3-Pole, 3-Wire Applications)
240 Volt AC/250 Volt DC
0030
HF321S
014
HF321J
014
011⁄2
3
—
—
003
0071⁄2
—
0060
HF322S
020
HF322J
020
3
10
—
—
0071⁄2
015
10
0100
HF323S
025
HF323J
025
071⁄2
15
—
—
015
030
20
0200
HF324S
049
HF324J
049
15
—
—
—
025
060
40
400
HF325S
154
HF325Jn
110
15
—
—
—
50
125
50
600
HF326S
157
HF326Jn
161
15
—
—
—
75
200
50
800
HF327Sn
370
HF327Jn
365
—
—
—
—
100
250
50
3-Pole, 3-Fused
(Also used for 2-Pole, 2-Wire Applications in 400–800A Ratings) 240 Volt AC/250 Volt DC
n
Built to order. Allow 2–3 weeks for delivery.
a
Height reduced switch (45.25 rather than 56 inches in
height) for use with 500MCM or smaller conductors.
b
Dual horsepower ratings: Std.- applies when non-time
delay fuses are installed. Max.- applies when time-
delay fuses are installed.
c
These switches are UL-listed for application on
grounded B-phase systems and are suitable for
3-phase motor applications.
d
When a neutral is required use a field installed
neutral kit.
e
Suitable for use as service entrance equipment.
f
Also rated Type 3S/3R.
g
304 grade stainless steel. For switches with enclosures
constructed from 316 grade stainless steel, see page 4-16.
Indoor — Type 1
Outdoor — Type 3R
Horsepower Ratingsb
240V AC
250
Ship. Wt.
Ship. Wt.
1-Phase,
2-Phase,
3-Phase,
Volt
Ampere
(lbs.)
(lbs.)
2-Wire
4-Wire
3-Wire
DC
System
Rating
Catalog Number
Std. Pkg.
Catalog Number
Std. Pkg.
Std.
Max.
Std.
Max.
Std.
Max.
240 Volt Fusiblee
2-Pole, 2-Fused
240 Volt AC/250 Volt DC
Type 4/4X Stainlessg
Type 12 Industrialf
0030
HF221S
013
HF221J
013
011⁄2
03
—
—
003
0071⁄2
05
0060
HF222S
019
HF222J
019
03
10
—
—
0071⁄2
015
10
0100
HF223S
024
HF223J
024
071⁄2
15
—
—
015
030
20
0200
HF224S
048
HF224J
048
15
—
—
—
025
060
40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com