Electronic Components Datasheet Search
  English  ▼

X  

HF261S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HF261S
Description  Heavy Duty Safety Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HF261S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HF261S Datasheet HTML 1Page - List of Unclassifed Manufacturers HF261S Datasheet HTML 2Page - List of Unclassifed Manufacturers HF261S Datasheet HTML 3Page - List of Unclassifed Manufacturers HF261S Datasheet HTML 4Page - List of Unclassifed Manufacturers HF261S Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4-9
Siemens Industry, Inc. SPEEDFAX™ 2011 Product Catalog
Heavy Duty Safety Switches
Features
Siemens / Speedfax
Previous folio: 3-9
Updated by S Spencer 10-15-10
15
3
2
4
18
6
7
10
11
19
12
14
13
8
5
1
16
20
17
9
1. Quick-make, quick-break operating mechanism
that ensures positive operation.
2. Visible blade, double-break switching action.
3. Arc chutes dissipate heat and prolong switch life.
4. Highly visible red handle grip.
Designed for hook stick operation.
5. Defeatable dual cover interlock.
6. Center punch provided for field drilling
to allow ON padlocking.
7. Handle can be padlocked in the OFF position
with up to (3) padlocks with 5/16" hasps.
8. Generous top, bottom and side gutters that
meet or exceed NEC wire-bending space
requirements.
9. Informative door labeling which includes
replacement parts list.
10. Tangential knockouts through 600A for easy
conduit lineup.
11. Side-hinged door that opens past 180 degrees
for easier wiring.
12. Unique enclosure design increases rigidity and
prevents cuts and scrapes to conductors and
installer’s hands.
13. Spring reinforced fuse clips that assure reliable
contact for cool operation.
14. Door latch securely holds door closed and
allows cover padlocking.
15. Front removable mechanical lugs that are
suitable for CU/AI 60 or 75° C conductors.
16. Lugs are field convertible to copper
body and to a wide variety of compression
connectors.
17. Hinged clear line terminal shield
with probe holes for inspecting or
testing line side terminals.
18. Embossed aluminum nameplate on Heavy
Duty Switches provides highly visible ON/OFF
indication.
19. Drawn cover for increased rigidity
and resistance to abuse.
20. Top key hole and bottom mounting holes
provide easy 2 or 3 point mounting.


Similar Part No. - HF261S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF261S ETC2-HF261S Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
HF261S ETC2-HF261S Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
More results

Similar Description - HF261S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD515 ETC2-FD515 Datasheet
271Kb / 8P
Standard Heavy Duty Limit Switches
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
E50RA ETC2-E50RA Datasheet
465Kb / 11P
Limit Switches E50 Heavy-Duty Plug-In Switches
HNF361J ETC2-HNF361J Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
logo
Littelfuse
9100 LITTELFUSE-9100 Datasheet
351Kb / 1P
HEAVY DUTY NORMALLY OPEN PUSH BUTTON SWITCHES
2020 Rev: 081720
5520 LITTELFUSE-5520 Datasheet
716Kb / 2P
STANDARD HEAVY DUTY TOGGLE SWITCHES
2021 Rev: 020821-B
956 LITTELFUSE-956 Datasheet
440Kb / 1P
956 HEAVY DUTY SERIES IGNITION SWITCHES
2021 Rev: 020821-C
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com