Electronic Components Datasheet Search
  English  ▼

X  

ESJA09 Datasheet(PDF) 2 Page - Fuji Electric

Part # ESJA09
Description  HIGH VOLTAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESJA09 Datasheet(HTML) 2 Page - Fuji Electric

  ESJA09 Datasheet HTML 1Page - Fuji Electric ESJA09 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ESJA09 (10kV,12kV/5mA)
Characteristics
0
10
20
30
0
2040
6080
ESJA09-12
Tj= 25
o
C
Tj=100
o
C
ESJA09-10
Forward Characteristics
V
F
[V]
I
F
[mA]
04
8
12
16
1E-3
0.01
0.1
ESJA09-10
ESJA09-10
ESJA09-12
Tj=100
o
C
Tj= 25
o
C
ESJA09-12
Reverse Characteristics
I
R
[
µ A]
V
R
[kV]
0
40
80
120
160
200
0.0
0.2
0.4
0.6
0.8
1.0
ESJA09-12
ESJA09-10
Junction Capacitance Characteristics
Tj=25
o
C
f=1MHz
Cj
[pF]
V
Bias
[V]
8
1216
2024
28
0
20
40
60
80
100
ESJA09-12
ESJA09-10
Tj= 25
o C
I
R =100
µ A
N=100pcs.
Avalanche Breakdown Voltage
V
AV
[kV]
N
[pcs.]
0
50
100
Tj= 25
o
C
N=100pcs.
0.00
0.02
0.04
0.06
0.08
0.10
0
50
100
ESJA09-12
ESJA09-10
Reverse Recovery Time
trr (
µ s)
N
[pcs.]
0.01µF
1kohm
100ohm
150
kohm
D.U.T
OSCILLO SCOPE
IF=2mA
IR=4mA
0
1mA
trr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com