Electronic Components Datasheet Search
  English  ▼

X  

ESJA18 Datasheet(PDF) 1 Page - Fuji Electric

Part # ESJA18
Description  HIGH VOLTAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESJA18 Datasheet(HTML) 1 Page - Fuji Electric

  ESJA18 Datasheet HTML 1Page - Fuji Electric ESJA18 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESJA18
(8kV/5mA)
HIGH VOLTAGE DIODE
Features
Ultra high speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Rectification for CRT display monitor high voltage
power supply (FBT:Flyback Transformer)
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Reverse Voltage
Average Output Current
Surge Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
10mS Sine-half wave
peak value
Ta=25°C,Resistive Load
Ratings
8
5
0.5
120
100
-40 to +120
Units
kV
mA
A
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR
Conditions
IF=10mA
VR=VRRM
Retings
28
2
Units
V
µA
Maximum Reverse Recovery Time
trr
Ta=25°C,IF=2mA,IR=4mA
0.045
µs
Junction Capacitance
Cj
Ta=25°C,VR=0V,f=1MHz
2
pF
Storage Temperature
Tstg
ESJA18 is high reliability resin molded type high voltage
diode in small size package which is sealed (a multilayed
mesa type silicon chip) by epoxy resin.
Outline Drawings
ESJA18-08
Cathode Mark
Type
Mark
27 min.
27 min.
o 2.5
o 0.5
Cathode Mark
Lot No.
6.5


Similar Part No. - ESJA18

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ESJA18-08 SUNMATE-ESJA18-08 Datasheet
297Kb / 2P
5mA Axial Leaded High Voltage Diode
More results

Similar Description - ESJA18

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJA28 FUJI-ESJA28 Datasheet
23Kb / 2P
HIGH VOLTAGE DIODE
logo
Anshan Leadsun Electron...
2CL70 LEADSUN-2CL70 Datasheet
333Kb / 1P
High Voltage Diode
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
High Voltage Diode
SPF03-20 LEADSUN-SPF03-20 Datasheet
314Kb / 1P
High Voltage Diode
SPF05-15 LEADSUN-SPF05-15 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-10 LEADSUN-SPF10-10 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-20 LEADSUN-SPF10-20 Datasheet
314Kb / 1P
High Voltage Diode
2CL105 LEADSUN-2CL105 Datasheet
296Kb / 1P
High Voltage Diode
HVD37-08F LEADSUN-HVD37-08F Datasheet
298Kb / 1P
High Voltage Diode
HVRT250 LEADSUN-HVRT250 Datasheet
287Kb / 1P
High Voltage Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com