Electronic Components Datasheet Search
  English  ▼

X  

HT-380FCH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT-380FCH
Description  HT-380 Series Top View LED (PCB type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-380FCH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT-380FCH Datasheet HTML 1Page - List of Unclassifed Manufacturers HT-380FCH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Directive Characteristics
Package Outline Dimensions
(Unit: mm Tolerance:+/-0.1)
Recommended Soldering Pattern
(Unit:mm)
Absolute Maximum Ratings
HT-380 Series Top View LED (PCB type)
31
30
●
Chip LED ( 1.6x1.6x0.4 )
●
Super compact
●
Full color
0.3
0.5
0.5
Relative Intensity vs. Forward Current
Forward Current (mA)
0
30
60
90
120
150
0
6
12
18
24
30
NB/NG
USD/UD
Forward Voltage (V)
0
6
12
18
24
30
1.6
2.0
2.4
2.8
3.2
3.6
NG
NB
USD/UD
Forward Current vs. Ambient Temperature
Ambient Temperature (OC)
0
10
5
15
20
25
30
-20
0
20
40
60
80
100
NB/NG
USD/UD
510
500
490
480
470
460
0
4
8
12
16
20
NB
Forward Current (mA)
Dominant Wavelength vs. Forward Current
Forward Current (mA)
Dominant Wavelength vs. Forward Current
Forward Current vs. Forward Voltage
550
540
530
520
510
500
0
4
8
12
16
20
NG
Forward Current (mA)
Dominant Wavelength vs. Forward Current
650
640
630
620
610
600
0
20
40
60
80
100
UD
USD
0
-60
100%
50%
0
50%
100%
60
-30
30
R
G
B
0
-60
100%
50%
0
50%
100%
60
-30
30
R
G
B
1.6
0.4±0.08
0.225
0.45
0.35
Resin
Die3 R
Die2 G
Die2
Pin4
Pin3 Pin2 Pin1
Polarity
Die3
Pin5
Die1
Pin6
Die1 B
Cathode
Line
Pin6
Pin1
Pin2
Pin3
Pin5
Pin4
PCB
Features
Power Dissipation
DC Forward Current
Pulsed Forward Current
Operating Temperature
Storage Temperature
Item
Symbol
Unit
D
P
F
I
FP*
I
R
V
ST
T
OP
T
mW
mA
mA
V
AllnGaP
InGaN
72
30
100
78
20
80
5
-30 to 80
-40 to 85
Reverse Voltage
o
C
o
C
o
C
* 0.1msec pulse, 10% duty cycle.
O
C
Material
Luminous Intensity (mcd)*
IF ( mA )
Forward Voltage(VF)
*Per NIST standards
Wavelength (nm) typ.
120
120
120
typ.
max.
P
λ
λ
D
λ
min.
typ.
20
20
20
Viewing
Angle
2 _12
Emitting color
Part Number
Ultra Bright Orange
Green
Blue
AllnGaP
lnGaN
lnGaN
1.9
3.3
3.3
2.4
3.9
3.9
622
527
470
636
520
468
17
40
40
70
110
45
120
200
90
HT-380FCH
Electrical / Optical Characteristics


Similar Part No. - HT-380FCH

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-380FCH INOLUX-HT-380FCH Datasheet
719Kb / 14P
Harvatek Surface Mount CHIP LED
More results

Similar Description - HT-380FCH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-155SD ETC2-HT-155SD Datasheet
880Kb / 2P
HT-155 Series Top View LED (PCB type)
HT-150NB ETC2-HT-150NB Datasheet
978Kb / 2P
HT-150 Series Top View LED(PCB type)
HT-150YG ETC2-HT-150YG Datasheet
978Kb / 2P
HT-150 Series Top View LED(PCB type)
logo
LUMEX INC.
SML-LX1206SOC-TR LUMEX-SML-LX1206SOC-TR Datasheet
419Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SRC-TR LUMEX-SML-LX1206SRC-TR_17 Datasheet
420Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SRW-TR LUMEX-SML-LX1206SRW-TR Datasheet
433Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206UPGC-TR LUMEX-SML-LX1206UPGC-TR Datasheet
110Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SUGC-TR LUMEX-SML-LX1206SUGC-TR Datasheet
418Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
logo
Seoul Semiconductor
SBHRN120E SEOUL-SBHRN120E Datasheet
1Mb / 21P
Top View LED
SBWNN120E SEOUL-SBWNN120E Datasheet
1Mb / 21P
Top View LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com