Electronic Components Datasheet Search
  English  ▼

X  

TS63AD-2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TS63AD-2
Description  Isolated Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TS63AD-2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TS63AD-2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TS63AD-2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TS63AD-2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated Transmitter
TxxxxAD Series
2014.03.17-A/3
Page 2 of 3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
General Specifications
Item
Operating Conditions
Value
Electric Isolation
Four-terminal isolation (signal input, signal output, input power supply and
output of isolated power supply are mutually isolated)
Degree of Isolation
testing for 1 minute, leakage
current <1mA, humidity <70%
2.5KVDC (note: isolated power supply provided; the isolation voltage
between the terminal of isolated power supply and the input terminal is
500VDC)
Insulation Resistance
100M , 500VDC (signal input terminal, signal output terminal, power
Ω
supply terminal and output terminal of isolated power supply)
Operating Temperature
-25~+71℃
Transportation and Storage
Temperature
-50~+105℃
Max. Operating Temperature
for Casing
Ta=25℃
≤
50℃
Application Environment
The presence of dust, fierce vibration, impulsion and corrosive gas may
cause damage to the product
Physical Specifications
Casing Material
WH8100-F [1]
Package
DIP24/SOIC24
Weight
10g(Typ.)
Cooling method
Free air cooling
Application Precautions
1. Please read the instructions carefully before use; contact our technical support if you have any problem.
2. Do not use the product in hazardous areas.
3. Use DC power supply for the product and 220V AC power supply is prohibited.
4. Do not dismount and assemble the product without permission to avoid failure or malfunction of equipment.
After-sales service
1. Ex-factory inspection and quality control have been strictly conducted for the product; if there occurs abnormal operation or possibility
of failure of internal module, please contact the local representative or our technical support.
2. The warranty period for the product is 3 years as calculated from the date of delivery. If any quality problem occurs under normal use
within the warranty period, the product can be repaired or changed for free.
Applied circuit
See
Application Notes for Isolated Transmitter for details.
Design Reference
1.
Typical application
TxxxAD
Power Supply
Isolation Power Output+
Signal Output
Signal Input
24 23 22 21 20
16 15 14 13
1 2 3 4 5
9 10 11 12
+
-
-
+
-
-
+
+
Isolation Power Output-
Isolation Power Output GND
Voltage output
TxxxAD
Power Supply
Isolation Power Output+
Signal Output
Signal Input
24 23 22 21 20
16 15 14 13
1 2 3 4 5
9 10 11 12
+
-
-
+
-
-
+
+
Isolation Power Output-
Isolation Power Output GND
Current output
Fig. 1
Notes:① Pins 13, 14 and 15 are NC pins in case of no power output.
②
In case of positive and negative power output, Pin 13 is power output negative, Pin 14 power output positive, Pin 15 reference ground.
③
In case of single power output, Pin 13 is power output negative, Pin 14 power output positive, Pin 15 NC.
2. For more information please find the application notes on www.mornsun-power.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com