Electronic Components Datasheet Search
  English  ▼

X  

PAA127 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA127
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA127 Datasheet(HTML) 1 Page - IXYS Corporation

  PAA127 Datasheet HTML 1Page - IXYS Corporation PAA127 Datasheet HTML 2Page - IXYS Corporation PAA127 Datasheet HTML 3Page - IXYS Corporation PAA127 Datasheet HTML 4Page - IXYS Corporation PAA127 Datasheet HTML 5Page - IXYS Corporation PAA127 Datasheet HTML 6Page - IXYS Corporation PAA127 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA127-R03
1
PAA127
Dual Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PAA127
8-Pin DIP (50/Tube)
PAA127S
8-Pin Surface Mount (50/Tube)
PAA127STR
8-Pin Surface Mount (1,000/Reel)
PAA127P
8-Pin Flatpack (50/Tube)
PAA127PTR
8-Pin Flatpack (1,000/Reel)
Parameter
Ratings
Units
Blocking Voltage
280
V
P
Load Current
200
mA
rms / mADC
On-Resistance (max)
10
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• 500
s Maximum Switching Times
• High Performance 280V
P Blocking Voltage
• High Reliability
• 3750V
rms Input/Output Isolation
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• FCC Compatible
• VDE Compatible
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Small 8-pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Versions Available
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Test Equipment
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
• UL Recognized Component: File # E76270
• CSA Certified Component: Certificate # 1175739
• Certified to:
IEC 60950-1: 2005
EN 60950-1: 2006
TUV Certificate # B 12 11 82667 002
PAA127 is a dual high performance 280V, 200mA,
10
, normally open (1-Form-A) Solid State Relay that
has two independently controlled, optically coupled
MOSFET switches in an 8-pin package. It employs
optically coupled MOSFET technology to provide
3750V
rms of input to output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
This dual single-pole OptoMOS relay provides a more
compact design solution than discrete single-pole
relays in a variety of applications, and saves board
space by incorporating both switches in a single 8-Pin
package.


Similar Part No. - PAA127

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PAA10 TTELEC-PAA10 Datasheet
691Kb / 3P
AC-DC ITE Power Module PAA10 Series
28/05/2021
PAA10-10 TTELEC-PAA10-10 Datasheet
691Kb / 3P
AC-DC ITE Power Module PAA10 Series
28/05/2021
PAA10-12 TTELEC-PAA10-12 Datasheet
691Kb / 3P
AC-DC ITE Power Module PAA10 Series
28/05/2021
PAA10-13 TTELEC-PAA10-13 Datasheet
691Kb / 3P
AC-DC ITE Power Module PAA10 Series
28/05/2021
PAA10-14 TTELEC-PAA10-14 Datasheet
691Kb / 3P
AC-DC ITE Power Module PAA10 Series
28/05/2021
More results

Similar Description - PAA127

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA108 IXYS-LAA108 Datasheet
136Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA110 IXYS-LAA110_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA120 IXYS-LAA120_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127 IXYS-LAA127_12 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
XAA117 IXYS-XAA117 Datasheet
134Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com