Electronic Components Datasheet Search
  English  ▼

X  

PAA127P Datasheet(PDF) 4 Page - IXYS Corporation

Part # PAA127P
Description  Dual Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA127P Datasheet(HTML) 4 Page - IXYS Corporation

  PAA127P Datasheet HTML 1Page - IXYS Corporation PAA127P Datasheet HTML 2Page - IXYS Corporation PAA127P Datasheet HTML 3Page - IXYS Corporation PAA127P Datasheet HTML 4Page - IXYS Corporation PAA127P Datasheet HTML 5Page - IXYS Corporation PAA127P Datasheet HTML 6Page - IXYS Corporation PAA127P Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
PAA127
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
Temperature (ºC)
-40
-20
0
20
40
60
80
100
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
Typical On-Resistance vs. Temperature
(I
F=3mA, IL=200mA)
Load Voltage (V)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-250
-200
-150
-100
-50
0
50
100
150
200
250
Typical Load Current vs. Load Voltage
(I
F=3mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
80
100
120
140
160
180
200
220
Maximum Load Current vs. Temperature
AC/DC Configuration
(I
F=3mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
315
320
325
330
335
340
345
350
355
Typical Blocking Voltage
vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
Leakage Current vs. Temperature
Measured Across Pins 5&6 & 7&8
(I
F=0mA, VL=280V)
0
5
10
15
20
25
Load Voltage (V)
0
50
100
150
200
250
300
0
10
20
30
40
50
60
70
80
90
Output Capacitance vs. Load Voltage
(I
F=0mA)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com