Electronic Components Datasheet Search
  English  ▼

X  

SF2188D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2188D
Description  340 MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2188D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2188D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2188D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2188D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2188D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 4
©2009 by RF Monolithics, Inc.
SF2188D - 2/5/09
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
FC
1
339
340
341
MHz
Insertion Loss
IL
1
2.0
3.0
dB
1 dB Bandwidth
18
11
MHz
Passband Ripple, 336 to 344 MHz
1
0.4
1.0
dBP-P
Absolute Attenuation (referenced from 0 dB)
10 to 300 MHz
250
54
dB
300 to 320 MHz
240
47
dB
375 to 800 MHz
240
45
dB
Frequency Temperature Coefficient
-36
ppm/°C
Source Impedance
50
ohm
Load Impedance
50
ohm
Operating Temperature Range
-40
+85
°C
Case Style
SM3838-8 3.8 x 3.8 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift)
RFM 876 YWWS
Connection
Terminals
Port 1
2
Port 2
6
Case Ground
All others
SM3838-8
• No External Matching Required
• 3.8 x 3.8 x 1.4 mm Surface-mount Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Maximum DC Voltage between any Two Terminals
3
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for Lead-free Soldering - Maximum Soldering Profile
260°C for 30 s
340 MHz
SAW Filter
SF2188D
1.
Unless noted otherwise, all specifications apply over the operating temper-
ature range with filter soldered to the specified demonstration board with
impedance matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the
nominal center frequency, fc.
3.
Rejection is measured as absolute attenuation (0 dB reference). Rejection
in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production"
and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are
subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1
and Port 2, so that the filter must always be installed in one direction per
the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered
trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
5 .  & & ,
5 0 o h m
5 0 o h m
2
6
1 , 3 , 4 , 5 , 7 , 8


Similar Part No. - SF2188D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2188D RFM-SF2188D Datasheet
168Kb / 4P
340 MHz SAW Filter
More results

Similar Description - SF2188D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0797A TAI-SAW-TA0797A Datasheet
219Kb / 6P
SAW Filter 340 MHz SMD 5.0횞5.0mm
TA1002A TAI-SAW-TA1002A Datasheet
295Kb / 6P
SAW Filter 340 MHz
logo
RF Monolithics, Inc
SF2188C RFM-SF2188C Datasheet
676Kb / 4P
340 MHz SAW Filter
SF2188D RFM-SF2188D Datasheet
168Kb / 4P
340 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2188C MURATA-SF2188C Datasheet
676Kb / 4P
340 MHz SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com