Electronic Components Datasheet Search
  English  ▼

X  

DV2000TS1 Datasheet(PDF) 1 Page - Texas Instruments

Part # DV2000TS1
Description  Multi-Chemistry Switching Charger Development System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DV2000TS1 Datasheet(HTML) 1 Page - Texas Instruments

  DV2000TS1 Datasheet HTML 1Page - Texas Instruments DV2000TS1 Datasheet HTML 2Page - Texas Instruments DV2000TS1 Datasheet HTML 3Page - Texas Instruments DV2000TS1 Datasheet HTML 4Page - Texas Instruments DV2000TS1 Datasheet HTML 5Page - Texas Instruments DV2000TS1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Ø
Safe management of fast charge for NiCd, NiMH, or
Li-Ion battery packs
Ø
On-board switching regulation for up to 3A charge
current (set to 1A for shipment)
Ø
Fast-charge termination by peak voltage, minimum
current (Li-Ion), maximum temperature, or
maximum charge time
Ø
Programmable charge rate and time-out
Ø
Programmable top-off option for NiMH packs
Ø
Trickle charge for conditioning deeply discharged
batteries
Ø
Charge-status LED
Ø
Direct battery connection
General Description
The DV2000S1 and DV2000TS1 are complete develop-
ment and evaluation environments for bq2000
multi-chemistry charge- control ICs. The DV2000S1 and
DV2000TS1 support up to 4 Li-Ion or 10 NiCd/NiMH
cells and can be user-programmed for other cell counts.
Charge qualification precedes fast charge. During quali-
fication, full-charge current is inhibited if the battery
voltage or temperature is outside predetermined and
user-defined thresholds, indicating a battery pack that
is deeply discharged, shorted, hot, or cold. During the
qualification interval, the LED flashes at a 1Hz rate. In
the case of a low battery voltage, the IC applies a
low-current trickle charge in an attempt to revive the
battery or to close the pack protector’s discharge switch.
When battery voltage and temperature reach the re-
quired thresholds, full charge begins.
The bq2000 completes the fast charge with the appropri-
ate charge algorithm. If the voltage on BAT input rises
to the internal V
MCV threshold, the IC assumes a Li-Ion
battery. Otherwise, the bq2000 assumes NiCd/NiMH
chemistry. The user can further customize the algorithm
by programming the device for top-off option
(NiCd/NiMH only) and time-out period.
Please review the bq2000 data sheet before using the
DV2000S1 and DV2000TS1 boards.
Connection Descriptions
J1
THERM
Thermistor connection
BAT-
Negative battery terminal and
thermistor return
BAT+
Positive battery terminal
N/C
No connection
DC-
Charger supply ground
DC+
Charger supply positive
JP1
Top-off selection for NiCd or NiMH
JP2
Number of cell selection for Li-Ion
JP3
Number of cell selection for NiCd or
NiMH
Fixed Configuration
The DV2000S1 and DV2000TS1 boards have the following
fixed characteristics :
1
DV2000S1 and DV2000TS1
Multi-Chemistry Switching Charger
Development System
SLUU006A–June 1999—Revised OCTOBER 2000
Rev. D Board


Similar Part No. - DV2000TS1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
Multi-Chemistry Switching Charger Development System
More results

Similar Description - DV2000TS1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2000S1 TI-DV2000S1 Datasheet
579Kb / 5P
Multi-Chemistry Switching Charger Development System
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
Host-controlled Multi-chemistry Battery Charger
logo
Linear Technology
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
SMBus-Controlled Multi-Chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
Host-Controlled Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com