Electronic Components Datasheet Search
  English  ▼

X  

DV2004S1 Datasheet(PDF) 2 Page - Texas Instruments

Part # DV2004S1
Description  Fast-Charge Development System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DV2004S1 Datasheet(HTML) 2 Page - Texas Instruments

  DV2004S1 Datasheet HTML 1Page - Texas Instruments DV2004S1 Datasheet HTML 2Page - Texas Instruments DV2004S1 Datasheet HTML 3Page - Texas Instruments DV2004S1 Datasheet HTML 4Page - Texas Instruments DV2004S1 Datasheet HTML 5Page - Texas Instruments DV2004S1 Datasheet HTML 6Page - Texas Instruments DV2004S1 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
JP1 INH
Inhibit input
JP2 DSEL
Display select
JP3 VSEL
Voltage termination select
JP4 TM1
TM1 setting
JP5 TM2
TM2 setting
JP6 NOC
Select number of cells
JP7
Auto discharge-before-charge select
JP8
Auto cycle select
Fixed Configuration
The DV2004S1/ES1/HS1 board has the following fixed charac-
teristics:
VCC (4.75–5.25V) is regulated on-board from the supply
at connector J1 DC.
LED1 and LED2 indicate charge status.
LED3 can replace LED1 and LED2 and provide an op-
tional tri-color LED feature.
Charge initiates on the later application of the battery
or DC, which provides VCC to the bq2004/E/H.
Pin DCMD may be tied to ground through JP7 for auto-
matic discharge-before-charge. With JP7 open, a toggle
of switch S1 momentarily pulls DCMD low and initiates
a discharge-before-charge. The bq2004E output activates
FET Q1, allowing current to flow through an external
current-limiting load between BAT+ and LOAD on con-
nector J1.
As shipped from Benchmarq, the DV2004S1/ES1/HS1
buck-type switch-mode regulator is configured to a
charging current of 2.25A. This current level is con-
trolled by the value of sense resistor RSNS by the rela-
tionship:
I
0.225V
R
CHG
=
SNS
The value of RSNS at shipment is 0.100
Ω. This resistor
can be changed depending on the application.
The
suggested
maximum
I CHG
for
the
DV2004S1/ES1/HS1 board is 3A.
The maximum cell
voltage (MCV) setting is 1.8V.
Zener diode D5 is used to limit Q4 VGS per a given
DC voltage. The board is shipped with D5 shorted. The
user can modify this Zener diode for the application. Ref-
er to Table 1 for suggested D5 values for DC voltages.
With the provided NTC thermistor connected between
THERM and SNS, values are: LTF = 0°C, HTF = 40°C,
and TCO = 60°C. The
∆T/∆t settings at 30°C (T∆T) are:
minimum = 0.82°C/minute, typical = 1.10°C/minute.
The thermistor is identified by the serial number suffix
as follows:
Jumper-Selectable Configuration
The DV2004S1/ES1/HS1 must be configured as de-
scribed below.
INH (JP1): Enables/disables charge inhibit (see
bq2004/E/H data sheet).
2
DV2004S1/ES1/HS1
Rev. C Board
Jumper Setting
Pin State
[ 1 2 ] 3
Disabled (high)
1 [ 2 3 ]
Enabled (low)
Jumper Setting
Pin State
[ 1 2 ] 3
High
1 [ 2 3 ]
Low
1 2 3
Float
+VDC Input
(Volts)
Motorola
Part No.
Nominal Zener
Voltage
Below 15
Shorted
0
15–18
1N749
4.3
18–21
1N755
7.5
21–24
1N758
10
24–27
1N964A
13
27–30
1N966A
16
30–32
1N967A
18
32–35
1N968A
20
Note:
Capacitors C2 and C3 must be changed from
those shipped with the board for input
voltage in excess of 24V.
Table 1. Lookup Table for D5 Selection
Identifier
Thermistor
K1
Keystone RL0703-5744-103-S1
(blank)
Philips 2322-640-63103
F1
Fenwal Type 16, 197-103LA6-A01
O1
Ozhumi 150-108-00(4)
S1
Semetic 103AT-2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com