Electronic Components Datasheet Search
  English  ▼

X  

UES705 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UES705
Description  ULTRAFAST RECTIFIERS, High Efficiency, 20A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES705 Datasheet(HTML) 1 Page - Microsemi Corporation

  UES705 Datasheet HTML 1Page - Microsemi Corporation UES705 Datasheet HTML 2Page - Microsemi Corporation UES705 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ULTRAFAST RECTIFIERS,
High Efficiency, 20A
TM
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2002
2-3-2003 REV 0
SCOTTSDALE DIVISION
UES704 UES704HR2
UES705 UES705HR2
UES706 UES706HR2
DESCRIPTION
APPEARANCE
The UES704 series of ultrafast high-efficiency rectifiers is specifically
designed for operation in power switching circuits operating at frequencies
of 20 kHz or higher. The low thermal resistance and forward voltage drop
of this series allows the user to replace DO-5 size devices in many
applications. These devices have also been demonstrated capability in
passing power-stress testing to 25 thousand cycles with full-rated forward
current turned on and off without a heat sink. This forces case temperature
increases of 75
°C at which time the current is removed to simulate worst
case applications. The switching times increase relatively little with
temperature or at different currents.
DO-4
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Very Low Forward Voltage
• Very Fast Recovery Times
• Low Thermal Resistance
• High Reliability Screening Option with HR2 Suffix (ie.
UES704HR2)
• Mechanically rugged
• Standard Polarity is Cathode to Stud. For Reverse
Polarity, Add Suffix R (ie. UES704R)
•
Power Switching Circuits 20 kHz and above with
minimal parasitic switching losses
•
Catch Diodes for Switching Regulators
•
Output Rectifiers for High Frequency Square-Wave
Inverters
•
Extremely Robust in Power Cycling
•
High Surge Capability
•
Hermetically Sealed
•
Marking: Part Number and Logo
ABSOLUTE MAXIMUM RATINGS
MECHANICAL AND PACKAGING
•
Peak Inverse Voltage, UES704, UES704HR2……….200 V
•
Peak Inverse Voltage, UES705, UES705HR2……….300 V
•
Peak Inverse Voltage, UES706, UES706HR2……….400 V
•
Average DC Output Current, IO @ TC = 100
oC………20 A
•
Surge Current, 8.3 ms………………………………….300 A
•
Thermal Resistance, Junction to Case…………….1.5
oC/W
•
Operating and Storage Temp. Range…….-55
oC to +150oC
•
Industry Standard DO-4 (DO-203AA) Package with
7/16 inch Hex and 10-32 Threaded Stud
•
Hermetically Sealed Metal and Glass Case Body
•
Metal Surface Finish: Tin Plated
•
Weight: 10 grams (approximate)
•
Maximum unlubricated stud Torque: 15 inch pounds
•
Angular Orientation of Terminal is Undefined
•
Marking: Part Number
ELECTRICAL CHARACTERISTICS @ 25°C unless otherwise stated
Microsemi Part Number
Working
Peak
Reverse
Voltage
VRWM
Maximum
Forward
Voltage
VF
@ 20 A
tp = 300
µs
Maximum
Reverse
Current
IR
@ VRWM
Maximum
Reverse Recovery
Time*
trr
TC =
25
oC
TC = 125
oC
TC = 25
oC
TC = 125
oC
UES704
UES705
UES706
UES704HR2
UES705HR2
UES706HR2
200 V
300 V
400 V
1.25 V
1.15 V
50
µA
10 mA
50 ns
* Measured in circuit IF = 0.5 A, IR = 1 A, IREC = 0.25 A


Similar Part No. - UES705

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES705 MICROSEMI-UES705 Datasheet
127Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UES705 DIGITRON-UES705 Datasheet
930Kb / 3P
HIGH EFFICIENCY RECTIFIERS
logo
Microsemi Corporation
UES705 MICROSEMI-UES705 Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES705HR2 MICROSEMI-UES705HR2 Datasheet
127Kb / 3P
RECTIFIERS
UES705HR2 MICROSEMI-UES705HR2 Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
More results

Similar Description - UES705

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF20A400HPI KODENSHI-SF20A400HPI Datasheet
298Kb / 5P
400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A400HPR KODENSHI-SF20A400HPR Datasheet
313Kb / 5P
400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A600HPI KODENSHI-SF20A600HPI Datasheet
297Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D300D2 KODENSHI-SF20D300D2 Datasheet
253Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D600D2 KODENSHI-SF20D600D2 Datasheet
255Kb / 5P
600V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O042-001 KODENSHI-KSD-D0O042-001 Datasheet
232Kb / 5P
300V, 20A ULTRAFAST DUAL RECTIFIERS
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES804R MICROSEMI-UES804R Datasheet
317Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 50A
logo
KODENSHI_AUK CORP.
SFN20W200CI KODENSHI-SFN20W200CI Datasheet
209Kb / 5P
200V, 20A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com