Electronic Components Datasheet Search
  English  ▼

X  

LM3100MH Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3100MH
Description  SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3100MH Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3100MH Datasheet HTML 9Page - Texas Instruments LM3100MH Datasheet HTML 10Page - Texas Instruments LM3100MH Datasheet HTML 11Page - Texas Instruments LM3100MH Datasheet HTML 12Page - Texas Instruments LM3100MH Datasheet HTML 13Page - Texas Instruments LM3100MH Datasheet HTML 14Page - Texas Instruments LM3100MH Datasheet HTML 15Page - Texas Instruments LM3100MH Datasheet HTML 16Page - Texas Instruments LM3100MH Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
tSS =
8 PA
CSS x 0.8V
CIN =
'V
IOUT x tON
LM3100
www.ti.com
SNVS421F – JANUARY 2006 – REVISED DECEMBER 2009
At maximum load current, when the buck switch turns on, the current into VIN suddenly increases to the lower
peak of the inductor’s ripple current, ramps up to the peak value, then drop to zero at turn-off. The average
current during the on-time is the load current. For a worst case calculation, CIN must supply this average load
current during the maximum on-time. CIN is calculated from:
(12)
where IOUT is the load current, tON is the maximum on-time, and ΔV is the allowable ripple voltage at VIN.
CIN3’s purpose is to help avoid transients and ringing due to long lead inductance at VIN. A low ESR, 0.1µF
ceramic chip capacitor is recommended, located close to the LM3100.
CBST: The recommended value for CBST is 33 nF. A high quality ceramic capacitor with low ESR is recommended
as CBST supplies a surge current to charge the buck switch gate at turn-on. A low ESR also helps ensure a
complete recharge during each off-time.
CSS: The capacitor at the SS pin determines the soft-start time, i.e. the time for the reference voltage at the
regulation comparator, and the output voltage, to reach their final value. The time is determined from the
following:
(13)
CFB: If output voltage is higher than 1.6V, this feedback capacitor is needed for Discontinuous Conduction Mode
to improve the output ripple performance, the recommended value for CFB is 10 nF.
PC BOARD LAYOUT
The LM3100 regulation, over-voltage, and current limit comparators are very fast, and will respond to short
duration noise pulses. Layout considerations are therefore critical for optimum performance. The layout must be
as neat and compact as possible, and all external components must be as close as possible to their associated
pins. Refer to the functional block diagram, the loop formed by CIN, the high and low-side switches internal to the
IC, and the PGND pin should be as small as possible. The PGND connection to Cin should be as short and
direct as possible. There should be several vias connecting the Cin ground terminal to the ground plane placed
as close to the capacitor as possible. The boost capacitor should be connected as close to the SW and BST pins
as possible. The feedback divider resistors and the CFB capacitor should be located close to the FB pin. A long
trace run from the top of the divider to the output is generally acceptable since this is a low impedance node.
Ground the bottom of the divider directly to the GND (pin 7). The output capacitor, COUT, should be connected
close to the load and tied directly into the ground plane. The inductor should connect close to the SW pin with as
short a trace as possible to help reduce the potential for EMI (electro-magnetic interference) generation.
If it is expected that the internal dissipation of the LM3100 will produce excessive junction temperatures during
normal operation, good use of the PC board’s ground plane can help considerably to dissipate heat. The
exposed pad on the bottom of the IC package can be soldered to a ground plane and that plane should extend
out from beneath the IC to help dissipate the heat. The exposed pad is internally connected to the IC substrate.
Additionally the use of thick copper traces, where possible, can help conduct heat away from the IC. Using
numerous vias to connect the die attach pad to an internal ground plane is a good practice. Judicious positioning
of the PC board within the end product, along with the use of any available air flow (forced or natural convection)
can help reduce the junction temperature.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com