Electronic Components Datasheet Search
  English  ▼

X  

LM3102 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3102
Description  SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3102 Datasheet HTML 9Page - Texas Instruments LM3102 Datasheet HTML 10Page - Texas Instruments LM3102 Datasheet HTML 11Page - Texas Instruments LM3102 Datasheet HTML 12Page - Texas Instruments LM3102 Datasheet HTML 13Page - Texas Instruments LM3102 Datasheet HTML 14Page - Texas Instruments LM3102 Datasheet HTML 15Page - Texas Instruments LM3102 Datasheet HTML 16Page - Texas Instruments LM3102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1.3 x 10
-10
VIN(MAX) x 150 ns
RON t
LM3102
www.ti.com
SNVS515G – SEPTEMBER 2007 – REVISED JANUARY 2012
Figure 6. Thermal Derating Curve
Applications Information
EXTERNAL COMPONENTS
The following guidelines can be used to select external components.
RFB1 and RFB2 : These resistors should be chosen from standard values in the range of 1.0 kΩ to 10 kΩ,
satisfying the following ratio:
RFB1/RFB2 = (VOUT/0.8V) - 1
(7)
For VOUT = 0.8V, the FB pin can be connected to the output directly with a pre-load resistor drawing more than
20 µA. It is because the converter operation needs a minimum inductor current ripple to maintain good regulation
when no load is connected.
RON: Equation (2) can be used to select RON if a desired operating frequency is selected. But the minimum value
of RON is determined by the minimum on-time. It can be calculated as follows:
(8)
If RON calculated from (2) is smaller than the minimum value determined in (8), a lower frequency should be
selected to re-calculate RON by (2). Alternatively, VIN(MAX) can also be limited in order to keep the frequency
unchanged. The relationship of VIN(MAX) and RON is shown in Figure 7.
On the other hand, the minimum off-time of 260 ns can limit the maximum duty ratio. Larger RON should be
selected in any application requiring large duty ratio.
Figure 7. Maximum VIN for selected RON
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com