Electronic Components Datasheet Search
  English  ▼

X  

FA5332P Datasheet(PDF) 10 Page - Fuji Electric

Part # FA5332P
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5332P Datasheet(HTML) 10 Page - Fuji Electric

Back Button FA5332P Datasheet HTML 5Page - Fuji Electric FA5332P Datasheet HTML 6Page - Fuji Electric FA5332P Datasheet HTML 7Page - Fuji Electric FA5332P Datasheet HTML 8Page - Fuji Electric FA5332P Datasheet HTML 9Page - Fuji Electric FA5332P Datasheet HTML 10Page - Fuji Electric FA5332P Datasheet HTML 11Page - Fuji Electric FA5332P Datasheet HTML 12Page - Fuji Electric FA5332P Datasheet HTML 13Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FA5331P(M)/FA5332P(M)
s Characteristic curves (Ta = 25
°C)
Oscillation frequency (fOSC) vs.
timing resistor resistance (RT)
FA5331
FA5332
Oscillation frequency (fOSC) vs.
ambient temperature (Ta)
FA5331
FA5332
Output duty cycle vs. CS terminal voltage (VCS)
ON/OFF control terminal current vs.
ON/OFF control terminal voltage
RT [k
Ω]
10
20
50
100
200
10
50
20
100
CT=330pF
CT=470pF
CT=680pF
Ta [˚C]
68
70
69
71
73
74
75
76
77
78
72
–40
60
0
–20
20
40
80
100
Vcc=18V
CT=470pF
RT=22k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com