Electronic Components Datasheet Search
  English  ▼

X  

LM3500 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3500
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3500 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3500 Datasheet HTML 10Page - Texas Instruments LM3500 Datasheet HTML 11Page - Texas Instruments LM3500 Datasheet HTML 12Page - Texas Instruments LM3500 Datasheet HTML 13Page - Texas Instruments LM3500 Datasheet HTML 14Page - Texas Instruments LM3500 Datasheet HTML 15Page - Texas Instruments LM3500 Datasheet HTML 16Page - Texas Instruments LM3500 Datasheet HTML 17Page - Texas Instruments LM3500 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ILED = VFB/RLED
LM3500
SNVS231F – MAY 2004 – REVISED APRIL 2007
www.ti.com
Application Information
ADJUSTING LED CURRENT
The White LED current is set using the following equation:
(1)
The LED current can be controlled using a PWM signal on the SHDN pin with frequencies in the range of 100Hz
(greater than visible frequency spectrum) to 1kHz. For controlling LED currents down to the µA levels, it is best
to use a PWM signal frequency between 200-500Hz. The LM3500 LED current can be controlled with PWM
signal frequencies above 1kHz but the controllable current decreases with higher frequency. The maximum LED
current would be achieved using the equation above with 100% duty cycle, ie. the SHDN pin always high.
LED-DRIVE CAPABILITY
The maximum number of LEDs that can be driven by the LM3500 is limited by the output voltage capability of the
LM3500. When using the LM3500 in the typical application configuration, with LEDs stacked in series between
the VOUT and FB pins, the maximum number of LEDs that can be placed in series (NMAX) is dependent on the
maximum LED forward voltage (VF-MAX), the voltage of the LM3500 feedback pin (VFB-MAX = 0.53V), and the
minimum output over-voltage protection level of the chosen LM3500 option (LM3500-16: OVPMIN = 15V;
LM3500-21: OVPMIN = 20V). For the circuit to function properly, the following inequality must be met:
(NMAX × VF-MAX) + 0.53V ≤ OVPMIN
When inserting a value for maximim LED VF, LED forward voltage variation over the operating temperature range
should be considered. The table below provides maximum LED voltage numbers for the LM3500-16 and
LM3500-21 in the typical application circuit configuration (with 3, 4, 5, 6, or 7 LEDs placed in series between the
VOUT and FB pins).
Maximum LED VF
# of LEDs
(in series)
LM3500-16
LM3500-21
3
4.82V
6.49V
4
3.61V
4.86V
5
2.89V
3.89V
6
X
3.24V
7
X
2.78V
For the LM3500 to operate properly, the output voltage must be kept above the input voltage during operation.
For most applications, this requires a minimum of 2 LEDs (total of 6V or more) between the FB and VOUT pins.
OUTPUT OVERVOLTAGE PROTECTION
The LM3500 contains dedicated circuitry for monitoring the output voltage. In the event that the primary LED
network is disconnected from the LM3500-16, the output voltage will increase and be limited to 15.5V (typ.).
There is a 900mV hysteresis associated with this circuitry which will cause the output to fluctuate between 15.5V
and 14.6V (typ.) if the primary network is disconnected. In the event that the network is reconnected regulation
will begin at the appropriate output voltage. The 15.5V limit allows the use of 16V 1µF ceramic output capacitors
creating an overall small solution for white LED applications.
In the event that the primary LED network is disconnected from the LM3500-21, the output voltage will increase
and be limited to 20.5V (typ.). There is a 1V hysteresis associated with this circuitry which will cause the output
to fluctuate between 20.5V and 19.5V (typ.) if the primary network is disconnected. In the event that the network
is reconnected regulation will begin at the appropriate output voltage. The 20.5V limit allows the use of 25V 1µF
ceramic output capacitors.
RELIABILITY AND THERMAL SHUTDOWN
The maximum continuous pin current for the 8 pin thin micro SMD package is 535mA. When driving the device
near its power output limits the VSW pin can see a higher DC current than 535mA (see INDUCTOR SELECTION
section for average switch current). To preserve the long term reliability of the device the average switch current
should not exceed 535mA.
14
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Links: LM3500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com