Electronic Components Datasheet Search
  English  ▼

X  

LM5030 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5030
Description  100V Push-Pull Current Mode PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5030 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5030 Datasheet HTML 6Page - Texas Instruments LM5030 Datasheet HTML 7Page - Texas Instruments LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments LM5030 Datasheet HTML 10Page - Texas Instruments LM5030 Datasheet HTML 11Page - Texas Instruments LM5030 Datasheet HTML 12Page - Texas Instruments LM5030 Datasheet HTML 13Page - Texas Instruments LM5030 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM5030
SNVS215B – MAY 2004 – REVISED MARCH 2005
www.ti.com
OUT1, OUT2 and Time Delay
The LM5030 provides two alternating outputs, OUT1 and OUT2. The internal gate drivers can each sink 1.5A
peak each. The maximum duty cycle for each output is inherently limited to less than 50%. The typical deadtime
between the falling edge of one gate driver output and the rising edge of the other gate driver output is 135ns.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the excessive
junction temperature. When activated, typically at 165 degrees Celsius, the controller is forced into a low power
reset state, disabling the output drivers and the bias regulator. This feature is provided to prevent catastrophic
failures from accidental device overheating.
Typical Application Circuit
Figure 10. Typical Application Circuit, 36V - 75VIN and 3.3V, 10A OUT
10
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com