Electronic Components Datasheet Search
  English  ▼

X  

IRFP440 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRFP440
Description  Dynamic dv/dt Rating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRFP440 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRFP440 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRFP440 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - IRFP440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
Power MOSFET
28-Jul-08
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
Power MOSFET
24-Jan-2022
logo
Inchange Semiconductor ...
IRFP440 ISC-IRFP440 Datasheet
388Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP440

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL2705TRPBF IRF-IRLL2705TRPBF Datasheet
231Kb / 9P
DYNAMIC DV/DT RATING
logo
Kersemi Electronic Co.,...
IRFR224PBF KERSEMI-IRFR224PBF Datasheet
4Mb / 10P
Dynamic dv/dt Rating
IRFR420PBF KERSEMI-IRFR420PBF Datasheet
4Mb / 7P
Dynamic dV/dt Rating
IRFR420TRR KERSEMI-IRFR420TRR Datasheet
4Mb / 7P
Dynamic dV/dt Rating
IRFR9110TRR KERSEMI-IRFR9110TRR Datasheet
3Mb / 7P
Dynamic dV/dt Rating
IRFR9120TRL KERSEMI-IRFR9120TRL Datasheet
4Mb / 7P
Dynamic dV/dt Rating
IRFR9220TRR KERSEMI-IRFR9220TRR Datasheet
4Mb / 7P
Dynamic dV/dt Rating
logo
List of Unclassifed Man...
AUIRF1404S ETC2-AUIRF1404S Datasheet
233Kb / 13P
Dynamic dV/dT Rating
logo
Vishay Telefunken
SIHFZ34 TFUNK-SIHFZ34 Datasheet
1Mb / 9P
Dynamic dV/dt Rating
logo
Infineon Technologies A...
AUIRFR2407 INFINEON-AUIRFR2407 Datasheet
569Kb / 10P
Dynamic dV/dT Rating
2015-11-23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com