Electronic Components Datasheet Search
  English  ▼

X  

IRFF120 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRFF120
Description  6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRFF120 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRFF120 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRFF120 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRFF120 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - IRFF120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRFF120 IRF-IRFF120 Datasheet
131Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
GE Solid State
IRFF120 GESS-IRFF120 Datasheet
165Kb / 5P
N-Channel Enhancement-Mode Power MOS Field-Effect Transistors
More results

Similar Description - IRFF120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
IRFD120 INTERSIL-IRFD120 Datasheet
52Kb / 6P
1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
July 1999
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
-6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
February 1999
IRFP350 INTERSIL-IRFP350 Datasheet
57Kb / 7P
16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
July 1999
RFD7N10LE INTERSIL-RFD7N10LE Datasheet
361Kb / 7P
7A, 100V, 0.300 Ohm, N-Channel, Logic Level, Power MOSFETs
October 1999
logo
International Rectifier
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Rohm
RF4P060BG ROHM-RF4P060BG Datasheet
2Mb / 14P
Nch 100V 6.0A Power MOSFET
20221115 - Rev.002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com