Electronic Components Datasheet Search
  English  ▼

X  

IRF9150 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRF9150
Description  -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF9150 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRF9150 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF9150 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF9150 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - IRF9150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
More results

Similar Description - IRF9150

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
-25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
February 1999
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
August 1999
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
August 1999
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
July 1999
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
September 1998
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
July 1999
logo
Unisonic Technologies
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com