Electronic Components Datasheet Search
  English  ▼

X  

IRFP9241 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRFP9241
Description  P-CHANNEL POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRFP9241 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRFP9241 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRFP9241 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRFP9241 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc. IRFP9241 Datasheet HTML 4Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - IRFP9241

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFP9241 SAMSUNG-IRFP9241 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRFP9241 NJSEMI-IRFP9241 Datasheet
158Kb / 4P
P-CHANNEL POWER MOSFETS
IRFP9241R NJSEMI-IRFP9241R Datasheet
178Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
More results

Similar Description - IRFP9241

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9130 SAMSUNG-IRF9130 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
IRF9530 SAMSUNG-IRF9530 Datasheet
378Kb / 6P
P-CHANNEL POWER MOSFETS
IRFU9010 SAMSUNG-IRFU9010 Datasheet
306Kb / 5P
P-CHANNEL POWER MOSFETS
IRF9Z24 SAMSUNG-IRF9Z24 Datasheet
287Kb / 5P
P-CHANNEL POWER MOSFETs
logo
Harris Corporation
IRF9540 HARRIS-IRF9540 Datasheet
424Kb / 7P
P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
P-CHANNEL POWER MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Unisonic Technologies
UTT60P03 UTC-UTT60P03 Datasheet
168Kb / 5P
-60A, -30V, P-CHANNEL POWER MOSFETS
logo
Texas Instruments
CSD25401Q3 TI1-CSD25401Q3 Datasheet
392Kb / 11P
P-Channel NexFET??Power MOSFETs
logo
New Jersey Semi-Conduct...
IRFP9240 NJSEMI-IRFP9240 Datasheet
158Kb / 4P
P-CHANNEL POWER MOSFETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com