Electronic Components Datasheet Search
  English  ▼

X  

FN0200045 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN0200045
Description  3.3V CMOS Low Jitter XO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN0200045 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN0200045 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN0200045 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN0200045 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
All specifications are subject to change without notice.
FN 3.3 REV2008_DEC29_01.4
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
3.3V CMOS Low Jitter XO
3.3V CMOS Low Jitter XO
FN Series Crystal Clock Oscillator (XO)
Legacy S1613 Series | 7.0 x 5.0mm
FN
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
2.0
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.5
V
Output is Hi-Z
Internal Pullup Resistance
50
kΩ
Output Disable Delay
100
ns
Output Enable Delay
10
ms
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
1
166
MHz
As specified
Supply Voltage
+2.97
+3.3
+3.63
V
Supply Current, Output Enabled
15
mA
1 to 32 MHz
25
32 to 50 MHz
40
50 to 80 MHz
55
80 to 166 MHz
Supply Current, Standby Mode
10
μA
1 to 36 MHz, 100 to 166 MHz
100
μA
36 to 70 MHz
Frequency Stability
±20 to ±50
ppm
See Note 1 below
Operating Temperature Range
-20
+70
°C
Commercial (standard)
-40
+85
Industrial (standard)
Output Logic 0, VOL
10% VDD
V
Output Logic 1, VOH
90% VDD
V
Output Load
15
pF
Duty Cycle
45
55
%
Measured 50% VDD
Rise and Fall
Time
up to 50 MHz
7
ns
Measured 20/80% of waveform
50 to 80 MHz
5
80 to 124 MHz
3
125 to 166 MHz
2.5
Jitter, Phase
1 to 166 MHz
1
ps RMS (1-σ)
10kHz to 20 MHz frequency band
Jitter,
Accumulated
up to 80 MHz
5
ps RMS (1-σ)
20.000 adjacent periods
80 to 166 MHz
3
Jitter,
Total
up to 80 MHz
50
ps pk-pk
100.000 random periods
80 to 166 MHz
30
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2.
For specifications othere than those listed, please contact sales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com