Electronic Components Datasheet Search
  English  ▼

X  

HFBR-RXXYYY Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-RXXYYY
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-RXXYYY Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-RXXYYY Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-RXXYYY Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Plastic Optical Fiber Connector Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
StorageandOperatingTemperature
TS,O
-40
85
°C
1
RecommendedOperatingTemperature
TO
-40
85
°C
1
InstallationTemperature
Tl
0
70
°C
1
NutTorque
TN
0.7
N-m
2
100
OzF-in.
Notes:
1.StorageandOperatingTemperaturesrefertotherangesoverwhichtheconnectorscanbeusedwhennotsubjectedtomechanicalstress.
InstallationTemperaturereferstotherangesoverwhichconnectorsmaybeinstalledontothefiberandoverwhichconnectorscanbecon-
nectedanddisconnectedfromtransmitterandreceivermodules.
2.Recommendednuttorqueis0.57N-m.
HFBR-4505/4515Adapter
Plastic Optical Fiber Connector Mechanical/Optical Characteristics
TA=-40to+85°C,UnlessOtherwiseSpecified.
Parameter
Part Number
Symbol
Min.
Typ.[1]
Max.
Units
Temp. °C
Note
RetentionForce,
Simplex,
FR-C
7
8
N
+25
2
Connectorto
HFBR-4501/4511
3
-40to+85
SimplexLatching,
47
80
+25
HFBR-4503/4513
11
-40to+85
Duplex,
7
12
+25
HFBR-4506
4
-40to+85
DuplexLatching,
50
80
+25
HFBR-4516
15
-40to+85
TensileForce,
Simplex,
FT
8.5
22
N
3
ConnectortoCable
HFBR-4501/4511
SimplexLatching,
8.5
22
HFBR-4503/4513
Duplex,HFBR-4506
14
35
DuplexLatching,
14
35
HFBR-4516
AdapterConnector
HFBR-4505/4515with
αCC
0.7
1.5
2.8
dB
25
4,5
toConnectorLoss
HFBR-4501/4511
RetentionForce
HFBR-4505/4515with
FR-B
7
8
N
ConnectortoAdapter
HFBR-4501/4511
InsertionForce,
Simplex,
FI
8
30
N
6
HFBR-4501/4511
SimplexLatching,
16
35
HFBR-4503/4513
Duplex,HFBR-4506
13
46
DuplexLatching
22
51
HFBR-4516
Notes:
1.Typicaldataareat+25°C.
2.Noperceivablereductioninretentionforcewasobservedafter2000insertions.Retentionforceofnon-latchingconnectorsisloweratelevated
temperatures.Latchingconnectorsarerecommendedforapplicationswhereahighretentionforceathightemperaturesisdesired.
3.Forapplicationswherefrequenttemperaturecyclingovertemperatureextremesisexpected,pleasecontactAvagoTechnologiesforalternate
connectoringtechniques.
4.MinimumandmaximumlimitforαCCfor0°Cto+70°Ctemperaturerange.TypicalvalueofαCCisat+25°C.
5.Factorypolishorfieldpolishperrecommendedprocedure.
6.Destructiveinsertionforcewastypicallyat178N(40lb.).
VersatileLinkTransmit-
tersandReceivers
ConnectortoVersatile
LinkTransmittersand
Receivers



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com