Electronic Components Datasheet Search
  English  ▼

X  

EMB9 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EMB9
Description  General purpose (dual digital transistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMB9 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EMB9 Datasheet HTML 1Page - List of Unclassifed Manufacturers EMB9 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMB9 / UMB9N / IMB9A
Transistors
2/2
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
VI (off)
VI (on)
VO (on)
II
IO (off)
R1
GI
R2 / R1
Min.
−
−1.4
−
−
−
7
68
3.7
−
−
−0.1
−
−
10
−
4.7
−0.3
−
−0.3
−0.88
−0.5
13
−
5.7
V
VCC=
−5V, IO=−100µA
VO
=
−0.3V, IO=−1mA
IO/II
=
−5mA/−0.25mA
VI
=
−5V
VCC
=
−50V, VI=0V
−
VO
=
−5V, IO=−5mA
V
mA
µA
k
Ω
−
−
−
Typ.
Max.
Unit
Conditions
−
fT
250
−
VCE
=
−10mA, IE=5mA, f=100MHz
∗
MHz
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Transition frequency
Resistance ratio
∗ Transition frequency of the device
Packaging specifications
Package
Code
TN
T148
3000
3000
Taping
Basic ordering
unit (pieces)
UMB9N
T2R
8000
EMB9
IMB9A
Type
Electrical characteristic curves
VO=
−0.3V
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
−100µ
−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
25˚C
100˚C
Ta=
−40˚C
VCC=
−5V
Ta=100˚C
25˚C
−40˚C
0
−3
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1
−1.5
−2
−2.5
INPUT VOLTAGE : VI (off)
(V)
Fig.2 Output current vs. input voltage
(OFF characteristics)
VO=
−5V
Ta=100˚C
25˚C
−40˚C
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
Fig.3 DC current gain vs. output
current
lO/lI =20
−500m
−1000m
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
Ta=100˚C
25˚C
−40˚C
−100µ
−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
OUTPUT CURRENT : IO
(A)
Fig.4 Output voltage vs. output
current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com