Electronic Components Datasheet Search
  English  ▼

X  

SFT5095 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT5095
Description  1 AMP High Voltage NPN Transistor 500-600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5095 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT5095 Datasheet HTML 1Page - Solid States Devices, Inc SFT5095 Datasheet HTML 2Page - Solid States Devices, Inc SFT5095 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0118A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT5095 and SFT5097
Series
Electrical Characteristics
3/
Symbol
Min
Max
Units
Collector – Emitter Breakdown Voltage*
(IC = 50 mA)
SFT5095
SFT5097
BVCEO
400
450
––
––
Volts
Collector – Emitter Breakdown Voltage*
(IC = 100 µA, RBE = 1K Ohms)
SFT5095
SFT5097
BVCER
500
600
––
––
Volts
Collector – Base Breakdown Voltage
(IC = 100 μA)
SFT5095
SFT5097
BVCBO
500
600
––
––
Volts
Emitter – Base Breakdown Voltage
(IE = 20 µA)
BVEBO
6
––
Volts
Collector Cutoff Current
SFT5095 VCB = 400V
SFT5097 VCB = 500V
ICBO
––
500
nA
Emitter Cutoff Current
(VEB = 4 V)
IEBO
––
250
nA
DC Current Gain*
(IC = 1 mA, VCE = 5 V)
(IC = 25 mA, VCE = 5 V)
(IC = 100 mA, VCE = 10 V)
HFE
25
50
15
250
300
250
Collector-Emitter Saturation Voltage*
(IC = 25 mA, IB = 2.5 mA)
VCE (SAT)
––
500
mV
Base-Emitter Voltage
(IC = 25 mA, VCE = 5 V)
VBE (ON)
––
1.0
Volts
Current Gain Bandwidth Product*
(IC = 50 mA, VCE = 10 V, f = 20 MHz)
fT
25
––
MHz
Output Capacitance
VCB = 15 V, IE = 0 A, f = 2.0MHz
Cob
––
15
pF
Electrical Characteristics
3/
Symbol
Typical
Units
Delay Time
Rise Time
Storage Time
Fall Time
VCC= 125 V
IC= 100 mA
IB1 = IB2 = 10 mA
td
tr
ts
tf
50
100
1.5
300
ns
ns
μs
ns
Notes: * Pulse Test: Pulse Width = 300 μs. Duty Cycle = 2%.
1/ For ordering information, price, operating curves, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, maximum ratings/electrical characteristics at 25°C.
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
4 Pin CLCC (-4)
Pin 1
Pin 2
Pin 3
TO-5 (/5)
Pin 3
Pin 1
Pin 2
CERPACK (G)
CASE
Pin 1
Pin 2
SMD.22
Pin 1
Pin 2
Pin 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com