Electronic Components Datasheet Search
  English  ▼

X  

TR0126B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0126B
Description  50 AMP NPN DARLINGTON TRANSISTOR 400 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0126B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0126B Datasheet HTML 1Page - Solid States Devices, Inc TR0126B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0126B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT10015
Electrical Characteristics, Tc= 25 ºC
Symbol
Min
Typ
Max
Units
Collector – Emitter Sustaining Voltage
(IC = 100 mA, IB = 0, VCLAMP = 400 V)
VCEO(sus)
400
––
––
Volts
Collector Cutoff Current
(VCEV = 600 V, VBE(off) = 1.5V)
ICEV
––
––
0.25
mA
Emitter Cutoff Current
(VEB = 2V, IC = 0)
IEBO
––
160
350
mA
DC Current Gain*
(VCE = 5V)
IC = 10 A
IC = 20 A
IC = 40 A
HFE
––
25
10
185
125
50
––
––
––
Collector-Emitter Saturation Voltage*
IC = 20 A, IB = 1 A
IC = 50 A, IB = 10 A
VCE (SAT)
––
––
1.3
2.1
2.2
5.0
Volts
Base-Emitter Saturation Voltage*
IC = 20A, IB = 1A,
TC = 25ºC
VBE (SAT)
––
2.05
2.75
Volts
Diode Forward Voltage
IF = 20 A
VF
––
2.0
5.0
Volts
Safe Operating Area, DC (1 sec)
5V, 50A
20V, 8.75A
100V, 0.3A
SOA1
SOA2
SOA3
––
––
––
Output Capacitance
(VCB = 10V, IE = 0A, f = 1MHz)
Cob
––
250
750
pF
Delay Time
Switching Times, Resistive Load
VCC = 250 V, IC = 20 A, IB1 = 1 A, VBE (off) = 5 V,
tp = 25
s, Duty Cycle ≤ 2%
t(on)
td
tr
––
––
0.15
1.0
0.3
1.2
µs
µs
Rise Time
Storage Time
t(off)
ts
tf
––
––
2.2
0.95
2.5
1.2
μs
µs
Fall Time
Storage Time
Switching Times, Inductive Load, Clamped
IC = 20 A(pk), VCLAMP = 250 V,
IB1 = 1 A, VBE (off) = 5 V, TC = 25ºC
tsv
––
12
––
µs
Crossover Time
tc
––
7.3
––
µs
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
CASE OUTLINE: TO-3
Pin Out:
Case – Collector
1 – Base
2 – Emitter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com