Electronic Components Datasheet Search
  English  ▼

X  

TPS62085 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62085
Description  3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62085 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62085 Datasheet HTML 9Page - Texas Instruments TPS62085 Datasheet HTML 10Page - Texas Instruments TPS62085 Datasheet HTML 11Page - Texas Instruments TPS62085 Datasheet HTML 12Page - Texas Instruments TPS62085 Datasheet HTML 13Page - Texas Instruments TPS62085 Datasheet HTML 14Page - Texas Instruments TPS62085 Datasheet HTML 15Page - Texas Instruments TPS62085 Datasheet HTML 16Page - Texas Instruments TPS62085 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TPS62085
2.5V to 6V
R1
80.6k
R2
162k
V
IN
POWER GOOD
VOS
FB
VIN
GND
EN
SW
PG
C2
22µF
R3
1M
V
OUT
1.2V/3A
L1
0.47µH
C1
10µF
TPS62085
TPS62086
TPS62087
www.ti.com
SLVSB70 – OCTOBER 2013
The Thermal Data section in the TPS62085EVM-169 Evaluation Module User's Guide SLVU809 provides the
thermal metric of the device on the EVM after considering the PCB design of real applications. The big copper
planes connecting to the pads of the IC on the PCB board improve the thermal performance of the device. For
more details on how to use the thermal parameters, see the application notes: Thermal Characteristics
Application Notes SZZA017 and SPRA953.
APPLICATION EXAMPLES
Figure 23. 1.2V Output Voltage Application
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS62085 TPS62086 TPS62087



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com