Electronic Components Datasheet Search
  English  ▼

X  

PFC500 Datasheet(PDF) 1 Page - Power-One

Part # PFC500
Description  RoHS lead solder exemption compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PFC500 Datasheet(HTML) 1 Page - Power-One

  PFC500 Datasheet HTML 1Page - Power-One PFC500 Datasheet HTML 2Page - Power-One PFC500 Datasheet HTML 3Page - Power-One PFC500 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
•
RoHS lead solder exemption compliant
•
Power Factor Correction meets EN61000-3-2 (AC input
versions)
•
Fully-regulated outputs
•
Remote sense
•
Logic level Inhibit
•
Current Share, Power Fail, and Power Good Signals
•
Overtemperature, overvoltage, and overcurrent protected
•
Available with metric or SAE mountings
•
Input transient & ESD compliance to
EN61000-4-2/-3/-4/-5
•
Fan output voltage and optional fan
•
Optional isolation diodes for parallel or redundant
operation
•
DC input versions (36-75VDC)
PFC500 Input Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC Input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated loads.
85
VAC
Hold-Up Time
Over full AC input voltage range at full rated load.
20
ms
Input Current
85 VAC at full rated load.
7.8
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse, F10A, 250V.
Inrush Surge Current
Internally limited by thermistor, one cycle, 25°C.
110 VAC
35
APK
220 VAC
65
Power Factor
Per EN61000-3-2.
0.98
W/VA
Operating Frequency
Switching frequency of main transformer.
100
kHz
Single-Output Model Selection
MODEL
OUTPUT
ADJUSTMENT
MAXIMUM OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT (NOTE 3)
REGULATION
REGULATION (NOTE 4)
%p-p (NOTE 5)
ACCURACY
PFC500-1024/PDC500-1024D 24V
21.6V to 26.4V
21A
0.5%
0.2%
1%
23.88V to 24.12V
(NOTE 1)
PFC500-1028 (NOTE 2)
28V
25.2V to 30.8V
17.9A
0.5%
0.2%
1%
27.86V to 28.14V
PFC500-1048 (NOTE 2)
48V
46.0V to 56.0V
10.4A
0.5%
0.5%
1%
47.52V to 48.48V
NOTES:
1) For AC input, use PFC500 prefix; use PDC500 prefix for DC input versions.
2) Consult factory for availability of 28V and 48V units with DC input.
3) Output currents ratings are expressed with 300 LFM forced air.
4) Remote sense connected. See Application Note #P1 for load regulation when using the D option for 24V units.
5) Maximum peak to peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
For ripple/noise on “D” option models, see options data on page 3.
PFC500/PDC500 Series Data Sheet
AUG 01, 2003 revised to JUL 13, 2006
Page 1 of 4
www.power-one.com
The PFC500/PDC500 products of the PerFormanCe Power Series combine high performance midrange power with
high power density (4.4 watts/in3) and high reliability to meet the requirements of communications, commercial, and
industrial systems.
Providing tightly regulated DC power, the PFC500/PDC500 delivers full output performance with only 300 Linear Feet
per Minute (LFM) forced-air cooling (factory-installed fan optional).
Main channel current sharing is provided for
redundant applications, and AC input units can be paralleled with DC input versions. Units are available with SAE
mountings or optional metric mountings.
The PFC500/PDC500 product line is approved to the latest international regulatory standards, and displays the CE
Mark.
Features
Description


Similar Part No. - PFC500

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
PerFormanCe POWER
logo
Bel Fuse Inc.
PFC500 BEL-PFC500 Datasheet
823Kb / 5P
Power Factor Correction meets EN61000-3-2 (AC input versions)
logo
Power-One
PFC500-1024 POWER-ONE-PFC500-1024 Datasheet
206Kb / 4P
PerFormanCe POWER
logo
Bel Fuse Inc.
PFC500-1024G BEL-PFC500-1024G Datasheet
823Kb / 5P
Power Factor Correction meets EN61000-3-2 (AC input versions)
logo
Power-One
PFC500-1028 POWER-ONE-PFC500-1028 Datasheet
206Kb / 4P
PerFormanCe POWER
More results

Similar Description - PFC500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
RoHS Compliant / Lead-Free
ATC800R ETC2-ATC800R Datasheet
207Kb / 5P
RoHS Compliant / Lead-Free
logo
M/A-COM Technology Solu...
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
RoHS Compliant, lead-free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
RoHS Compliant, lead-free
logo
WALSIN TECHNOLOGY CORPO...
WF04P WALSIN-WF04P Datasheet
513Kb / 8P
RoHS exemption free and Lead free products
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
General purpose chip resistors RoHS exemption free lead free
logo
Stackpole Electronics, ...
RMEF SEI-RMEF Datasheet
547Kb / 10P
General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
8/27/2021
RMEF SEI-RMEF_V01 Datasheet
544Kb / 10P
General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
10/24/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com