Electronic Components Datasheet Search
  English  ▼

X  

A4044SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A4044SC
Description  Screw Cover, Type 12
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A4044SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A4044SC Datasheet HTML 1Page - List of Unclassifed Manufacturers A4044SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec-00278 C
Junction Boxes Screw-cover
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild steel
1
Spec-00278
c763.422.2211
763.422.2600
Mild steel
Junction Boxes
screw-cover
screw cover, type 12
industry stAndArds
UL 50, 50E Listed; Type 12, 13; File No. E27525
cUL Listed per CSA C22.2 No. 94; Type 12, 13; File No. E27525
UL 508A Listed; Type 12, 13; File No. E61997
cUL Listed per CSA C22.2 No. 94; Type 12, 13; File No. E61997
NEMA/EEMAC: Type 12 and 13
CSA, File No. 42184: Type 12
IEC 60529, IP65
ApplicAtion
Ideal for a broad range of applications, this enclosure’s screw cover
is secured in each corner for a positive seal but easily removed for
modifications.
speciFicAtions
•
16 or 14 gauge steel
•
Seams continuously welded and ground smooth
•
Bonding provision on cover
•
Oil-resistant gasket
•
Weldnuts provided for mounting optional panels and terminal
block kits in size 6.00 x 4.00 in. (152 x 102 mm) and larger
•
External wall-mounting brackets
FinisH
ANSI 61 gray polyester powder paint inside and out
Accessories
See also Accessories.
Panels for Junction Boxes
Junction Box and Wall-Mount Enclosure Swing Out Panel Kit
Terminal Block Kit Assembly for Junction Boxes Overview
Steel and Stainless Steel Window Kits
ModiFicAtion And custoMiZAtion
Hoffman excels at modifying and customizing products to
your specifications. Contact your local Hoffman sales office or
distributor for complete information.
Bulletin: A51Sc
Standard Product
 
Catalog Number
AxBxC in./mm
Gauge
UL Listed
Panel
Conductive
Panel
Panel Size
D x E
in./mm
Mounting
G x H
in./mm
Overall
L x W
in./mm
F
in./mm
J
in./mm
K
in./mm
T
in./mm
V
in./mm
Y
in./mm
A404SC
4.00 x 4.00 x 3.00
102 x 102 x 76
16
508A
No Panel
No Panel
No Panel
No Panel
4.75 x 2.00
121 x 51
5.50 x 4.23
140 x 107
—
—
2.50
64
0.66
17
3.00
76
—
—
—
—
A604SC
6.00 x 4.00 x 3.00
152 x 102 x 76
16
508A
A6P4
A6P4G
4.88 x 2.88
124 x 73
6.75 x 2.00
171 x 51
7.50 x 4.23
191 x 107
2.53
64
2.50
64
0.66
17
3.00
76
0.318)
8
0.56
14
A806SC
8.00 x 6.00 x 3.50
203 x 152 x 89
14
50, 50E
A8P6
A8P6G
6.75 x 4.88
171 x 124
8.75 x 4.00
222 x 102
9.50 x 6.28
241 x 160
3.03
77
3.01
76
0.67
17
5.00
127
0.25
6
0.62
16
A4044SC
4.00 x 4.00 x 4.00
102 x 102 x 102
16
508A
No Panel
No Panel
No Panel
No Panel
4.75 x 2.00
121 x 51
5.50 x 4.23
140 x 107
—
—
3.50
89
0.66
17
3.00
76
—
—
—
—
A6044SC
6.00 x 4.00 x 4.00
152 x 102 x 102
16
508A
A6P4
A6P4G
4.88 x 2.88
124 x 73
6.75 x 2.00
171 x 51
7.50 x 4.23
191 x 107
3.53
90
3.50
89
0.66
17
3.00
76
0.31
8
0.56
14
A606SC
6.00 x 6.00 x 4.00
152 x 152 x 102
16
50, 50E
A6P6
A6P6G
4.88 x 4.88
124 x 124
6.75 x 4.00
171 x 102
7.50 x 6.28
191 x 160
3.53
90
3.50
89
0.66
17
5.00
127
0.31
8
0.56
14
A808SC
8.00 x 8.00 x 4.00
203 x 203 x 102
14
50, 50E
A8P8
A8P8G
6.75 x 6.88
171 x 175
8.75 x 6.00
222 x 152
9.50 x 8.28
241 x 210
3.53
90
3.51
89
0.67
17
7.00
178
0.25
6
0.62
16
A1008SC
10.00 x 8.00 x 4.00
254 x 203 x 102
14
50, 50E
A10P8
A10P8G
8.75 x 6.88
222 x 175
10.75 x 6.00
273 x 152
11.50 x 8.28
292 x 210
3.53
90
3.51
89
0.67
17
7.00
178
0.25
6
0.62
16
A1010SC
10.00 x 10.00 x 4.00
254 x 254 x 102
14
50, 50E
A10P10
A10P10G
8.75 x 8.88
222 x 226
10.75 x 8.00
273 x 203
11.50 x 10.28
292 x 261
3.53
90
3.51
89
0.67
17
9.00
229
0.25
6
0.62
16
A1210SC
12.00 x 10.00 x 5.00
305 x 254 x 127
14
50, 50E
A12P10
A12P10G
10.75 x 8.88
273 x 226
12.75 x 8.00
324 x 203
13.50 x 10.28
343 x 261
4.53
115
4.51
115
0.67
17
9.00
229
0.25
6
0.62
16
A8066SC
8.00 x 6.00 x 6.00
203 x 152 x 152
14
50, 50E
A8P6
A8P6G
6.75 x 4.88
171 x 124
8.75 x 4.00
222 x 102
9.50 x 6.28
241 x 160
5.53
140
5.51
140
0.67
17
5.00
127
0.25
6
0.62
16
A10086SC
10.00 x 8.00 x 6.00
254 x 203 x 152
14
50, 50E
A10P8
A10P8G
8.75 x 6.88
222 x 175
10.75 x 6.00
273 x 152
11.50 x 8.28
292 x 210
5.53
140
5.51
140
0.67
17
7.00
178
0.25
6
0.62
16
A10106SC
10.00 x 10.00 x 6.00
254 x 254 x 152
14
50, 50E
A10P10
A10P10G
8.75 x 8.88
222 x 226
10.75 x 8.00
273 x 203
11.50 x 10.28
292 x 261
5.53
140
5.51
140
0.67
17
9.00
229
0.25
6
0.62
16
A1212SC
12.00 x 12.00 x 6.00
305 x 305 x 152
14
50, 50E
A12P12
A12P12G
10.75 x 10.88
273 x 276
12.75 x 10.00
324 x 254
13.50 x 12.28
343 x 312
5.53
140
5.51
140
0.67
17
11.00
279
0.25
6
0.62
16
A1412SC
14.00 x 12.00 x 6.00
356 x 305 x 152
14
50, 50E
A14P12
A14P12G
12.75 x 10.88
324 x 276
14.75 x 10.00
375 x 254
15.50 x 12.28
394 x 312
5.53
140
5.51
140
0.67
17
11.00
279
0.25
6
0.62
16
A1614SC
16.00 x 14.00 x 6.00
406 x 356 x 152
14
UL 50
A16P14
A16P14G
14.75 x 12.88
375 x 327
16.75 x 12.00
425 x 305
17.50 x 14.28
445 x 363
5.53
140
5.51
140
0.67
17
13.00
330
0.25
6
0.62
16
Purchase panels separately. Optional stainless steel, conductive, composite and aluminum panels are available for most sizes.


Similar Part No. - A4044SC

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
A4044CH HOFFMANPRODUCTS-A4044CH Datasheet
219Kb / 2P
Continuous Hinge with Clamps, Type 12
logo
List of Unclassifed Man...
A4044LP ETC2-A4044LP Datasheet
597Kb / 2P
Lift-Off-Cover, Type 12
More results

Similar Description - A4044SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A806LP ETC2-A806LP Datasheet
597Kb / 2P
Lift-Off-Cover, Type 12
logo
HARTING Technology Grou...
09-40-006-5411 HARTING-09-40-006-5411 Datasheet
475Kb / 2P
Han 6HPR Cover Screw Locking Protection cover
09-40-006-5414 HARTING-09-40-006-5414 Datasheet
515Kb / 2P
Han 6HPR hood cover screw locking Protection cover
logo
FIBOX Enclosing innovat...
7010425 FIBOX-7010425 Datasheet
42Kb / 1P
Cover screw
02.08.2023
7010635 FIBOX-7010635 Datasheet
42Kb / 1P
Cover screw
02.08.2023
7028005 FIBOX-7028005 Datasheet
47Kb / 1P
Cover screw
11.08.2023
7038005 FIBOX-7038005 Datasheet
37Kb / 1P
Cover screw set
11.08.2023
7038036 FIBOX-7038036 Datasheet
47Kb / 1P
Cover screw set
11.08.2023
8522001 FIBOX-8522001 Datasheet
37Kb / 1P
Cover screw, grey, polyamide
11.08.2023
8522002 FIBOX-8522002 Datasheet
48Kb / 1P
Cover screw, grey, polyamide
11.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com