Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 66 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 66 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 62Page - Microsemi Corporation A3P030 Datasheet HTML 63Page - Microsemi Corporation A3P030 Datasheet HTML 64Page - Microsemi Corporation A3P030 Datasheet HTML 65Page - Microsemi Corporation A3P030 Datasheet HTML 66Page - Microsemi Corporation A3P030 Datasheet HTML 67Page - Microsemi Corporation A3P030 Datasheet HTML 68Page - Microsemi Corporation A3P030 Datasheet HTML 69Page - Microsemi Corporation A3P030 Datasheet HTML 70Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 61
Table 2-81 • 1.5 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.66
12.78
0.04
1.44
0.43
12.81 12.78
3.40
2.64
15.05
15.02
ns
–1
0.56
10.87
0.04
1.22
0.36
10.90 10.87
2.89
2.25
12.80
12.78
ns
–2
0.49
9.55
0.03
1.07
0.32
9.57
9.55
2.54
1.97
11.24
11.22
ns
4 mA
Std.
0.66
10.01
0.04
1.44
0.43
10.19
9.55
3.75
3.27
12.43
11.78
ns
–1
0.56
8.51
0.04
1.22
0.36
8.67
8.12
3.19
2.78
10.57
10.02
ns
–2
0.49
7.47
0.03
1.07
0.32
7.61
7.13
2.80
2.44
9.28
8.80
ns
6 mA
Std.
0.66
9.33
0.04
1.44
0.43
9.51
8.89
3.83
3.43
11.74
11.13
ns
–1
0.56
7.94
0.04
1.22
0.36
8.09
7.56
3.26
2.92
9.99
9.47
ns
–2
0.49
6.97
0.03
1.07
0.32
7.10
6.64
2.86
2.56
8.77
8.31
ns
8 mA
Std.
0.66
8.91
0.04
1.44
0.43
9.07
8.89
3.95
4.05
11.31
11.13
ns
–1
0.56
7.58
0.04
1.22
0.36
7.72
7.57
3.36
3.44
9.62
9.47
ns
–2
0.49
6.65
0.03
1.07
0.32
6.78
6.64
2.95
3.02
8.45
8.31
ns
12 mA
Std.
0.66
8.91
0.04
1.44
0.43
9.07
8.89
3.95
4.05
11.31
11.13
ns
–1
0.56
7.58
0.04
1.22
0.36
7.72
7.57
3.36
3.44
9.62
9.47
ns
–2
0.49
6.65
0.03
1.07
0.32
6.78
6.64
2.95
3.02
8.45
8.31
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com